Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8732G Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN8732G
Description  Spindle motor and 5-CH actuator driver [Spindle(PWM), Sled 2-CH(PWM) 3-CH(Linear)]
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8732G Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN8732G Datasheet HTML 1Page - Fairchild Semiconductor FAN8732G Datasheet HTML 2Page - Fairchild Semiconductor FAN8732G Datasheet HTML 3Page - Fairchild Semiconductor FAN8732G Datasheet HTML 4Page - Fairchild Semiconductor FAN8732G Datasheet HTML 5Page - Fairchild Semiconductor FAN8732G Datasheet HTML 6Page - Fairchild Semiconductor FAN8732G Datasheet HTML 7Page - Fairchild Semiconductor FAN8732G Datasheet HTML 8Page - Fairchild Semiconductor FAN8732G Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
Common
• Built-in thermal shutdown circuit (TSD)
• Built-in power save circuit
• 4 Independent voltage sources
• Corresponds to 3.3V or 5V DSP
Spindle
• Output PWM mode control
BTL(Sled 2-channels)
• Output PWM mode control
BTL(Other 3-channels)
• Output LINEAR mode control
Description
The FAN8732G/BG/CG is a monolithic IC suitable for a
PWM 3-phase BLDC spindle motor driver, 2-CH PWM
motor drivers for sled motor and 3-CH linear drivers which
drive the focus actuator, tracking actuator and loading motor
of the optical media applications.
42-SSOP-EP
Typical Applications
• Compact disk ROM (CD-ROM)
• Compact disk RW (CD-RW)
• Digital video disk ROM (DVD-ROM)
• Digital video disk RAM (DVD-RAM)
• Digital video disk Player (DVDP)
• Other compact disk media
Ordering Information
X:Tape & Reel type
FAN8732G:FG1X
FAN8732BG:FG3X
FAN8732CG:FG3X,Pull down resistor at SB pin
Device
Package
Operating Temp.
FAN8732G
42-SSOP-EP
−20°C ~ +75°C
FAN8732GX
42-SSOP-EP
−20°C ~ +75°C
FAN8732BG
42-SSOP-EP
−20°C ~ +75°C
FAN8732BGX
42-SSOP-EP
−20°C ~ +75°C
FAN8732CG
42-SSOP-EP
−20°C ~ +75°C
FAN8732CGX
42-SSOP-EP
−20°C ~ +75°C
FAN8732G/FAN8732BG/FAN8732CG
Spindle motor and 5-CH actuator driver
[Spindle(PWM), Sled 2-CH(PWM) 3-CH(Linear)]


Similar Part No. - FAN8732G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702B FAIRCHILD-FAN8702B Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MP FAIRCHILD-FAN8702MP Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MPX FAIRCHILD-FAN8702MPX Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
More results

Similar Description - FAN8732G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8741 FAIRCHILD-FAN8741 Datasheet
541Kb / 23P
   Spindle Motor and 6-CH Driver
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8728 FAIRCHILD-FAN8728 Datasheet
361Kb / 26P
   Spindle 4-CH Input PWM Motor Drive IC
FAN8727 FAIRCHILD-FAN8727_04 Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727 FAIRCHILD-FAN8727 Datasheet
480Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8729 FAIRCHILD-FAN8729 Datasheet
487Kb / 24P
   Spindle4-CH Motor Drive IC
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63021FP RENESAS-M63021FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M63021FP MITSUBISHI-M63021FP Datasheet
141Kb / 17P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com