Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6115A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. ISL6115A
Description  12V Power Distribution Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL6115A Datasheet(HTML) 2 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ISL6115A
FN6855 Rev 1.00
Page 2 of 10
April 23, 2010
Simplified Block Diagram
Pin Configuration
ISL6115A
(8 LD SOIC)
TOP VIEW
+
-
ISET
ISEN
GATE
VSS
VDD
CTIM
PGOOD
PWRON
CLIM
WOCLIM
ENABLE
OC
10µA
FALLING
EDGE
DELAY
18V
+
-
VREF
+
-
1.86V
12V
+
-
R
R
S
QN
Q
ENABLE
POR
VDD
8V
RISING
EDGE
PULSE
+
-
+
-
UV
18V
20µA
7.5k
+
-
+
-
20µA
UV DISABLE
ISET
ISEN
GATE
VSS
1
2
3
4
8
7
6
5
PWRON
PGOOD
CTIM
VDD
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TEMPERATURE
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6115AIBZ
6115A IBZ
-40 to +85
8 Ld SOIC
M8.15
ISL6115AIBZ-T (Notes 1, )
6115A IBZ
-40 to +85
8 Ld SOIC
M8.15
ISL6115ACBZ
6115A CBZ
0 to +70
8 Ld SOIC
M8.15
ISL6115ACBZ-T (Notes 1, )
6115A CBZ
0 to +70
8 Ld SOIC
M8.15
ISL6115AEVAL1Z
Evaluation Platform
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6115A. For more information on MSL please
see techbrief TB363.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn