Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6115A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part No. ISL6115A
Description  12V Power Distribution Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL6115A Datasheet(HTML) 8 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ISL6115A
FN6855 Rev 1.00
Page 8 of 10
April 23, 2010
FIGURE 8. POWER-ON RESET VOLTAGE THRESHOLD
FIGURE 9. GATE VOLTAGE vs BIAS and TEMPERATURE
FIGURE 10. ISL6115A TURN-ON
FIGURE 11. ISL6115A TURN-OFF
FIGURE 12. IOC REGULATION and TURN-OFF
FIGURE 13. WOC TURN-OFF and RESTART
Typical Performance Curves (Continued)
7.5
7.6
7.7
7.8
7.9
8.0
8.1
8.2
8.3
-40
0
25
70
85
125
TEMPERATURE (°C)
VDD LO TO HI
VDD HI TO LO
13
14
15
16
17
18
19
20
21
22
910
11
12
13
14
15
BIAS VOLTAGE (V)
+85°C
+25°C
-40°C
PWRON
VOUT
GATE
PGOOD
VOUT
PWRON
GATE
PGOOD
VOUT
VOUT
GATE
ILOAD
CTIM
VOUT
GATE
ILOAD
CTIM


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn