Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6115A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. ISL6115A
Description  12V Power Distribution Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL6115A Datasheet(HTML) 7 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ISL6115A
FN6855 Rev 1.00
Page 7 of 10
April 23, 2010
Typical Performance Curves
FIGURE 2. VDD BIAS CURRENT
FIGURE 3. ISET SOURCE CURRENT
FIGURE 4. CTIM CURRENT SOURCE
FIGURE 5. CTIM OC VOLTAGE THRESHOLD
FIGURE 6. UV THRESHOLD
FIGURE 7. GATE CHARGE CURRENT
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
-40
0
25
85
125
TEMPERATURE (°C)
70
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
TEMPERATURE (°C)
-40
0
25
85
125
70
18.8
19.0
19.2
19.4
19.6
19.8
20.0
20.2
20.4
20.6
20.8
-40
0
25
70
85
125
TEMPERATURE (°C)
CTIM - 0V
1.77
1.78
1.79
1.80
1.81
1.82
-40
0
25
70
85
125
TEMPERATURE (°C)
9.60
9.65
9.70
9.75
9.80
-40
0
25
70
85
125
TEMPERATURE (°C)
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
-40
0
25
70
85
125
TEMPERATURE (°C)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn