Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6115A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. ISL6115A
Description  12V Power Distribution Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

ISL6115A Datasheet(HTML) 4 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ISL6115A
FN6855 Rev 1.00
Page 4 of 10
April 23, 2010
Absolute Maximum Ratings TA = +25°C
Thermal Information
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +16V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 8V
ISEN, PGOOD, PWRON, CTIM, ISET . . . -0.3V to VDD + 0.3V
Operating Conditions
VDD Supply Voltage Range . . . . . . . . . . . . . . . +12V ±15%
Temperature Range (TA) . . . . . . . . . . . . . . -40°C to +85°C
ESD
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 250V
Thermal Resistance (Typical, Note 4)
JA (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . .
98
Maximum Junction Temperature (Plastic Package) . . +150°C
Maximum Storage Temperature Range . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications VDD = 12V, TA = TJ = full temperature range, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS
CURRENT CONTROL
ISET Current Source
IISET_ft
17
20
22
µA
ISET Current Source
IISET_pt
TJ = +15°C to +55°C
19
20
21
µA
Current Limit Amp Offset Voltage
Vio_ft
VISET - VISEN
-4.5
0
4.5
mV
Current Limit Amp Offset Voltage
Vio_pt
VISET - VISEN, TJ = +15°C to
+55°C
-2
0
2
mV
GATE DRIVE
GATE Response Time to Severe OC
pd_woc_amp
VGATE to 10.8V
-
100
-
ns
GATE Response Time to Overcurrent
pd_oc_amp
VGATE to 10.8V
-
600
-
ns
GATE Turn-On Current
IGATE
VGATE to = 6V
10.8
14
16.7
µA
GATE Pull-Down Current
OC_GATE_I_4V
Overcurrent
45
82
124
mA
GATE Pull-Down Current (Note 6)
WOC_GATE_I_4V Severe Overcurrent
-
0.8
-
A
Undervoltage Threshold
12VUV_VTH
8.9
9.6
10.2
V
GATE High Voltage
12VG
GATE Voltage
VDD +
5.7V
VDD +
6.5V
-
V
BIAS
VDD Supply Current
IVDD
-
3
3.9
mA
VDD POR Rising Threshold
VDD_POR_L2H
VDD Low to High
7
8.4
9
V
VDD POR Falling Threshold
VDD_POR_H2L
VDD High to Low
6.9
8.1
8.7
V
VDD POR Threshold Hysteresis
VDD_POR_HYS
VDD_POR_L2H - VDD_POR_H2L
0.1
0.3
0.5
V
Maximum PWRON Pull-Up Voltage
PWRN_PUV
Maximum External Pull-up
Voltage
-
5
-
V
PWRON Pull-Up Voltage
PWRN_V
PWRON Pin Open
2.5
3.2
-
V
PWRON Rising Threshold
PWR_Vth
1.1
1.7
2.35
V
PWRON Hysteresis
PWR_hys
125
170
250
mV
PWRON Pull-Up Current
PWRN_I
12.6
17
24
µA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn