Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430FW42X Datasheet(PDF) 6 Page - Texas Instruments

Part No. MSP430FW42X
Description  MIXED SIGNAL MICROCONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FW42X Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430FW42X Datasheet HTML 2Page - Texas Instruments MSP430FW42X Datasheet HTML 3Page - Texas Instruments MSP430FW42X Datasheet HTML 4Page - Texas Instruments MSP430FW42X Datasheet HTML 5Page - Texas Instruments MSP430FW42X Datasheet HTML 6Page - Texas Instruments MSP430FW42X Datasheet HTML 7Page - Texas Instruments MSP430FW42X Datasheet HTML 8Page - Texas Instruments MSP430FW42X Datasheet HTML 9Page - Texas Instruments MSP430FW42X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
General-Purpose Register
Program Counter
Stack Pointer
Status Register
Constant Generator
General-Purpose Register
General-Purpose Register
General-Purpose Register
PC/R0
SP/R1
SR/CG1/R2
CG2/R3
R4
R5
R12
R13
General-Purpose Register
General-Purpose Register
R6
R7
General-Purpose Register
General-Purpose Register
R8
R9
General-Purpose Register
General-Purpose Register
R10
R11
General-Purpose Register
General-Purpose Register
R14
R15
MSP430xW42x
MIXED SIGNAL MICROCONTROLLER
SLAS383 − OCTOBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
short-form description
CPU
The MSP430 CPU has a 16-bit RISC architecture
that is highly transparent to the application. All
operations, other than program-flow instructions,
are
performed
as
register
operations
in
conjunction with seven addressing modes for
source operand and four addressing modes for
destination operand.
The CPU is integrated with 16 registers that
provide reduced instruction execution time. The
register-to-register operation execution time is
one cycle of the CPU clock.
Four of the registers, R0 to R3, are dedicated as
program counter, stack pointer, status register,
and
constant
generator
respectively.
The
remaining
registers
are
general-purpose
registers.
Peripherals are connected to the CPU using data,
address, and control buses, and can be handled
with all instructions.
instruction set
The instruction set consists of 51 instructions with
three formats and seven address modes. Each
instruction can operate on word and byte data.
Table 1 shows examples of the three types of
instruction formats; the address modes are listed
in Table 2.
Table 1. Instruction Word Formats
Dual operands, source-destination
e.g. ADD R4,R5
R4 + R5 −−−> R5
Single operands, destination only
e.g. CALL
R8
PC −−>(TOS), R8−−> PC
Relative jump, un/conditional
e.g. JNE
Jump-on-equal bit = 0
Table 2. Address Mode Descriptions
ADDRESS MODE
S
D
SYNTAX
EXAMPLE
OPERATION
Register
D D
MOV Rs,Rd
MOV R10,R11
R10
−−> R11
Indexed
D D
MOV X(Rn),Y(Rm)
MOV 2(R5),6(R6)
M(2+R5)−−> M(6+R6)
Symbolic (PC relative)
D D
MOV EDE,TONI
M(EDE) −−> M(TONI)
Absolute
D D
MOV &MEM,&TCDAT
M(MEM) −−> M(TCDAT)
Indirect
D
MOV @Rn,Y(Rm)
MOV @R10,Tab(R6)
M(R10) −−> M(Tab+R6)
Indirect
autoincrement
D
MOV @Rn+,Rm
MOV @R10+,R11
M(R10) −−> R11
R10 + 2−−> R10
Immediate
D
MOV #X,TONI
MOV #45,TONI
#45
−−> M(TONI)
NOTE: S = source
D = destination


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSP430F1122 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F1101A MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430X43X Mixed signal microcontroller 1  2  3  4  5  More Texas Instruments
MSP430X15X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C11X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F11X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430C13X1 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F1612 MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430F42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments
MSP430FE42X MIXED SIGNAL MICROCONTROLLER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn