Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1201 Datasheet(PDF) 39 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MSC1201
Description  Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MSC1201 Datasheet(HTML) 39 Page - Burr-Brown (TI)

Back Button MSC1201 Datasheet HTML 35Page - Burr-Brown (TI) MSC1201 Datasheet HTML 36Page - Burr-Brown (TI) MSC1201 Datasheet HTML 37Page - Burr-Brown (TI) MSC1201 Datasheet HTML 38Page - Burr-Brown (TI) MSC1201 Datasheet HTML 39Page - Burr-Brown (TI) MSC1201 Datasheet HTML 40Page - Burr-Brown (TI) MSC1201 Datasheet HTML 41Page - Burr-Brown (TI) MSC1201 Datasheet HTML 42Page - Burr-Brown (TI) MSC1201 Datasheet HTML 43Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
MSC1201
MSC1202
SBAS317B − APRIL 2004 − REVISED JANUARY 2005
www.ti.com
39
SFR DEFINITIONS (continued)
ADDRESS
RESET VALUE
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
REGISTER
D7h
ADMUX
INP3
INP2
INP1
INP0
INN3
INN2
INN1
INN0
01h
D8h
EICON
0
1
EAI
AI
WDTI
0
0
0
40h
D9h
ADRESL(1)
LSB(1)
00h
DAh
ADRESM(1)
MSB(1)
00h
DBh
ADRESH(1)
MSB(1)
00h
DCh
ADCON0
BOD
EVREF
VREFH
EBUF
PGA2
PGA1
PGA0
30h
DDh
ADCON1
OF_UF
POL
SM1
SM0
CAL2
CAL1
CAL0
00h
DEh
ADCON2
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
1Bh
DFh
ADCON3
0
0
0
0
0
DR10
DR9
DR8
06h
E0h
ACC
ACC.7
ACC.6
ACC.5
ACC.4
ACC.3
ACC.2
ACC.1
ACC.0
00h
E1h
SSCON
SSCON1
SSCON0
SCNT2
SCNT1
SCNT0
SHF2
SHF1
SHF0
00h
E2h
SUMR0
LSB
00h
E3h
SUMR1
00h
E4h
SUMR2
00h
E5h
SUMR3
MSB
00h
E6h
ODAC
00h
E7h
LVDCON
ALVDIS
0
0
0
1
1
1
1
8Fh
E8h
EIE
1
1
1
EWDI
EX5
EX4
EX3
EX2
E0h
E9h
HWPC0
0
0
0
0
0
0
DEVICE
MEMORY
0000_00xxb
EAh
HWPC1
0
0
1
0
0
0
0
0
20h
EBh
HWVER
ECh
Reserved
EDh
Reserved
EEh
FMCON
0
PGERA
0
FRCM
0
BUSY
1
0
02h
EFh
FTCON
FER3
FER2
FER1
FER0
FWR3
FWR2
FWR1
FWR0
A5h
F0h
B
00h
F1h
PDCON
PDICLK
PDIDAC
PDI2C
0
PDADC
PDWDT
PDST
PDSPI
6Fh
F2h
PASEL
PSEN4
PSEN3
PSEN2
PSEN1
PSEN0
0
0
0
00h
F3h
Reserved
F4h
PLLL
PLL7
PLL6
PLL5
PLL4
PLL3
PLL2
PLL1
PLL0
xxh(2)
F5h
PLLH
CKSTAT2
CKSTAT1
CKSTAT0
PLLLOCK
0
0
PLL9
PLL8
xxh(2)
F6h
ACLK
0
FREQ6
FREQ5
FREQ4
FREQ3
FREQ2
FREQ1
FREQ0
03h
F7h
SRST
0
0
0
0
0
0
0
RSTREQ
00h
F8h
EIP
1
1
1
PWDI
PX5
PX4
PX3
PX2
E0h
F9h
SECINT
WRT
SECINT6
SECINT5
SECINT4
SECINT3
SECINT2
SECINT1
SECINT0
7Fh
FAh
MSINT
WRT
MSINT6
MSINT5
MSINT4
MSINT3
MSINT2
MSINT1
MSINT0
7Fh
FBh
USEC
0
0
FREQ5
FREQ4
FREQ3
FREQ2
FREQ1
FREQ0
03h
FCh
MSECL
MSECL7
MSECL6
MSECL5
MSECL4
MSECL3
MSECL2
MSECL1
MSECL0
9Fh
FDh
MSECH
MSECH7
MSECH6
MSECH5
MSECH4
MSECH3
MSECH2
MSECH1
MSECH0
0Fh
FEh
HMSEC
HMSEC7
HMSEC6
HMSEC5
HMSEC4
HMSEC3
HMSEC2
HMSEC1
HMSEC0
63h
FFh
WDTCON
EWDT
DWDT
RWDT
WDCNT4
WDCNT3
WDCNT2
WDCNT1
WDCNT0
00h
(1) For the MSC1201, the ADC result is contained in ADRESH, ADRESM, and ADRESL. For the MSC1202, the ADC result is contained in
ADRESM and ADRESL (that is, shifted right one byte) and the MSB is sign-extended (Bipolar mode) or zero-padded (Unipolar mode) in
ADRESH. Therefore, when migrating between the MSC1201 and MSC1202, the ADC result calculation must be adjusted accordingly. For both
the MSC1201 and MSC1202, the ADC interrupt is cleared by reading ADRESL.
(2) Dependent on HCR2 value.


Similar Part No. - MSC1201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1201 OKI-MSC1201 Datasheet
135Kb / 20P
   60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
logo
Texas Instruments
MSC1201 TI1-MSC1201 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1201 TI-MSC1201 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1201 TI1-MSC1201 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
logo
OKI electronic componet...
MSC1201-XX OKI-MSC1201-XX Datasheet
135Kb / 20P
   60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
More results

Similar Description - MSC1201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com