Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EV9447-L-00A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part No. EV9447-L-00A
Description  High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo 

EV9447-L-00A Datasheet(HTML) 1 Page - Monolithic Power Systems

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV9447-L-00A
High-Efficiency, Fast-Transient, 5A, 36V
Step-Down Converter Evaluation Board
EV9447-L-00A Rev. 1.0
www.MonolithicPower.com
1
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The EV9447-L-00A is an evaluation board for
the
MP9447,
a
high-efficiency
step-down
regulator with integrated power MOSFETs.
MP9447 offers a very compact solution to
achieve a 5A, continuous-output current over a
wide input-supply range with excellent load and
line regulation. It also provides fast transient
response and good stability for wide input-
supply and load range.
The EV9447-L-00A is a fully assembled and
tested evaluation board. It generates a +5V
output voltage at load current up to 5A from a
7V to 36V input range. Switching frequency is
set at 500kHz.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
7
– 36
V
Output Voltage
VOUT
5
V
Output Current
IOUT
5
A
FEATURES
 Wide 7V-to-36V Operating Input Range
 Guaranteed 5A, Continuous Output Current
 Internal 65mΩ High-Side, 30mΩ Low-Side
Power MOSFETs
 Proprietary Switching-Loss-Reduction
Technology
 1.5% Reference Voltage
 Programmable Soft-Start Time
 Low Drop-out Mode
 SCP, OCP, UVP and Thermal Shutdown
APPLICATIONS
 General Consumer
 USB Power Supplies
 Cigarette Lighter Adapters
 Power Supply for Chargers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
EV9447-L-00A EVALUATION BOARD
(L x W x H) 2.5
” x 2.5” x 0.4”
(6.4cm x 6.4cm x 1.0cm)
Board Number
MPS IC Number
EV9447-L-00A
MP9447GL


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn