Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EV9447-L-00A Datasheet(PDF) 6 Page - Monolithic Power Systems

Part No. EV9447-L-00A
Description  High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo 

EV9447-L-00A Datasheet(HTML) 6 Page - Monolithic Power Systems

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EV9447-L-00A – 5A, 36V, STEP-DOWN CONVERTER EVALUATION BOARD
EV9447-L-00A Rev. 1.0
www.MonolithicPower.com
6
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PRINTED CIRCUIT BOARD LAYOUT
Figure 1
—Top Silk Layer
Figure 2
—Top Layer
Figure 3
—Inner1 Layer
Figure 4
—Inner2 Layer
Figure 5
—Bottom Layer


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn