Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1049 Datasheet(PDF) 12 Page - Analog Devices

Part # HMC1049
Description  GaAs pHEMT MMIC Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1049 Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC1049 Datasheet HTML 6Page - Analog Devices HMC1049 Datasheet HTML 7Page - Analog Devices HMC1049 Datasheet HTML 8Page - Analog Devices HMC1049 Datasheet HTML 9Page - Analog Devices HMC1049 Datasheet HTML 10Page - Analog Devices HMC1049 Datasheet HTML 11Page - Analog Devices HMC1049 Datasheet HTML 12Page - Analog Devices HMC1049 Datasheet HTML 13Page - Analog Devices HMC1049 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
HMC1049
Data Sheet
Rev. B | Page 12 of 14
MOUNTING AND BONDING TECHNIQUES FOR MILLIMETERWAVE GaAs MMICS
Attach the die directly to the ground plane eutectically or with
conductive epoxy.
To bring RF to and from the chip, use 50 Ω microstrip trans-
mission lines on 0.127 mm (5 mil) thick alumina thin film
substrates (see Figure 36).
If 0.254 mm (10 mil) thick alumina thin film substrates are
required, raise the die by 0.150 mm (6 mil) to ensure that the
surface of the die is coplanar with the surface of the substrate.
One method to accomplish this coplanarity is to attach the
0.102 mm (4 mil) thick die to a 0.150 mm (6 mil) thick molyb-
denum heat spreader (molytab), and then attach the unit to the
ground plane (Figure 37).
0.102mm (0.004") THICK GaAs MMIC
WIRE BOND
RF GROUND PLANE
0.127mm (0.005") THICK ALUMINA
THIN FILM SUBSTRATE
0.076mm
(0.003")
Figure 36. RF Lines
0.254mm (0.010”) THICK ALUMINA
THIN FILM SUBSTRATE
0.150mm (0.005") THICK
MOLY TAB
0.102mm (0.004") THICK GaAs MMIC
WIRE BOND
0.076mm
(0.003")
RF GROUND PLANE
Figure 37. Die Attachment Using Molybdenum Heat Spreader
To minimize bond wire length, place microstrip substrates as
close to the die as possible. Typical die to substrate spacing is
0.076 mm to 0.152 mm (3 mil to 6 mil).
HANDLING PRECAUTIONS
To avoid permanent damage, adhere to the following
precautions.
Storage
All bare die ship in either waffle or gel-based ESD protective
containers, sealed in an ESD protective bag. After opening the
sealed ESD protective bag, all die must be stored in a dry
nitrogen environment.
Cleanliness
Handle the chips in a clean environment. Never use liquid
cleaning systems to clean the chip.
Static Sensitivity
Follow ESD precautions to protect against ESD strikes.
Transients
Suppress instrument and bias supply transients while bias is
applied. To minimize inductive pickup, use shielded signal and
bias cables.
General Handling
Handle the chip on the edges only using a vacuum collet or
with a sharp pair of bent tweezers. Because the surface of the
chip has fragile air bridges, never touch the surface of the chip
with a vacuum collet, tweezers, or fingers.
MOUNTING
The chip is back-metallized and can be die mounted with AuSn
eutectic preforms or with electrically conductive epoxy. The
mounting surface must be clean and flat.
Eutectic Die Attach
It is best to use an 80/20 gold tin preform with a work surface
temperature of 255°C and a tool temperature of 265°C. When
hot 90/10 nitrogen/hydrogen gas is applied, maintain tool tip
temperature at 290°C. Do not expose the chip to a temperature
greater than 320°C for more than 20 sec. No more than 3 sec of
scrubbing should be required for attachment.
Epoxy Die Attach
Apply a minimum amount of epoxy to the mounting surface so
that upon placing it into position, a thin epoxy fillet is observed
around the perimeter of the chip. Cure epoxy per the schedule
provided by the manufacturer.


Similar Part No. - HMC1049

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1049LP5E AD-HMC1049LP5E Datasheet
834Kb / 10P
   High Linearity Microwave Radios
HMC1049LP5E AD-HMC1049LP5E Datasheet
332Kb / 14P
   Low Noise Amplifier
HMC1049LP5ETR AD-HMC1049LP5ETR Datasheet
332Kb / 14P
   Low Noise Amplifier
HMC1049LP5E AD-HMC1049LP5E_18 Datasheet
332Kb / 14P
   Low Noise Amplifier
More results

Similar Description - HMC1049

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC372LP3 AD-HMC372LP3 Datasheet
393Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com