Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1049 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC1049
Description  GaAs pHEMT MMIC Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1049 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC1049 Datasheet HTML 3Page - Analog Devices HMC1049 Datasheet HTML 4Page - Analog Devices HMC1049 Datasheet HTML 5Page - Analog Devices HMC1049 Datasheet HTML 6Page - Analog Devices HMC1049 Datasheet HTML 7Page - Analog Devices HMC1049 Datasheet HTML 8Page - Analog Devices HMC1049 Datasheet HTML 9Page - Analog Devices HMC1049 Datasheet HTML 10Page - Analog Devices HMC1049 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
HMC1049
Rev. B | Page 7 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
Data taken with VDD applied to Pad 2, with VDD = 7 V.
25
–35
–25
–15
–5
5
15
0
24
20
16
12
8
4
FREQUENCY (GHz)
S22
S11
S21
Figure 10. Broadband, Gain, and Return Loss
20
6
8
10
12
14
16
18
0
2
4
6
8
10
12
14
16
18
20
22
FREQUENCY (GHz)
TA = –55°C
TA = +25°C
TA = +85°C
Figure 11. Gain vs. Temperature
0
–30
–25
–20
–15
–10
–5
0
2
4
6
8
10
12
14
16
18
20
22
FREQUENCY (GHz)
TA = –55°C
TA = +25°C
TA = +85°C
Figure 12. Input Return Loss vs. Temperature
0
–30
–25
–20
–15
–10
–5
0
2
4
6
8
10
12
14
16
18
20
22
FREQUENCY (GHz)
TA = –55°C
TA = +25°C
TA = +85°C
Figure 13. Output Return Loss vs. Temperature
5
0
1
2
3
4
0
2
4
6
8
10
12
14
16
18
20
22
FREQUENCY (GHz)
TA = –55°C
TA = +25°C
TA = +85°C
Figure 14. Noise Figure vs. Temperature
5
0
1
2
3
4
0
2
4
6
8
10
12
14
16
18
20
22
FREQUENCY (GHz)
8V
7V
6V
Figure 15. Noise Figure vs. VDD


Similar Part No. - HMC1049

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1049LP5E AD-HMC1049LP5E Datasheet
834Kb / 10P
   High Linearity Microwave Radios
HMC1049LP5E AD-HMC1049LP5E Datasheet
332Kb / 14P
   Low Noise Amplifier
HMC1049LP5ETR AD-HMC1049LP5ETR Datasheet
332Kb / 14P
   Low Noise Amplifier
HMC1049LP5E AD-HMC1049LP5E_18 Datasheet
332Kb / 14P
   Low Noise Amplifier
More results

Similar Description - HMC1049

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC372LP3 AD-HMC372LP3 Datasheet
393Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com