Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4D10120H Datasheet(PDF) 6 Page - Cree, Inc

Part # C4D10120H
Description  Silicon Carbide Schottky Diode Z-Rec Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4D10120H Datasheet(HTML) 6 Page - Cree, Inc

  C4D10120H Datasheet HTML 1Page - Cree, Inc C4D10120H Datasheet HTML 2Page - Cree, Inc C4D10120H Datasheet HTML 3Page - Cree, Inc C4D10120H Datasheet HTML 4Page - Cree, Inc C4D10120H Datasheet HTML 5Page - Cree, Inc C4D10120H Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
6
C4D10120H Rev. -, 02-2018
Copyright © 2018 Cree, Inc. All rights reserved.
The information in this document is subject to change without notice.
Cree, the Cree logo, and Zero Recovery are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5451
www.cree.com/power
• RoHSCompliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred
to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance
with EU Directive 2011/65/EC (RoHS2), as implemented January 2, 2013. RoHS Declarations for this product can
be obtained from your Wolfspeed representative or from the Product Ecology section of our website at http://
www.wolfspeed.com/power/tools-and-support/product-ecology.
• REAChCompliance
REACh substances of high concern (SVHCs) information is available for this product. Since the European Chemi-
cal Agency (ECHA) has published notice of their intent to frequently revise the SVHC listing for the foreseeable
future,please contact a Cree representative to insure you get the most up-to-date REACh SVHC Declaration.
REACh banned substance information (REACh Article 67) is also available upon request.
This product has not been designed or tested for use in, and is not intended for use in, applications implanted into
the human body nor in applications in which failure of the product could lead to death, personal injury or property
damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines,
cardiacdefibrillatorsorsimilaremergencymedicalequipment,aircraftnavigationorcommunicationorcontrol
systems,orairtrafficcontrolsystems.
Notes
RelatedLinks
Cree SiC Schottky diode portfolio: http://www.wolfspeed.com/Power/Products#SiCSchottkyDiodes
Schottky diode Spice models: http://www.wolfspeed.com/power/tools-and-support/DIODE-model-request2
SiC MOSFET and diode reference designs: http://go.pardot.com/l/101562/2015-07-31/349i
Diode Model
Diode Model
Note: T
j = Diode Junction Temperature In Degrees Celsius,
valid from 25°C to 175°C
VT
RT
Diode Model CSD04060
Vf T = VT + If*RT
VT= 0.965 + (Tj * -1.3*10-3)
RT= 0.096 + (Tj * 1.06*10-3)
VfT=VT+If*RT
V
T=0.98+(TJ*-1.71*10
-3
)
R
T=0.040+(TJ*5.32*10
-4
)


Similar Part No. - C4D10120H

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C4D10120H WOLFSPEED-C4D10120H Datasheet
669Kb / 9P
   4th Generation 1200 V, 10 A Silicon Carbide Schottky Diode
Rev. 2, January 2023
More results

Similar Description - C4D10120H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4D20120H CREE-C4D20120H Datasheet
679Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec Rectifier
C4D15120H CREE-C4D15120H Datasheet
804Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec Rectifier
C5D10170H CREE-C5D10170H Datasheet
613Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec Rectifier
logo
WOLFSPEED, INC.
C3D02065E WOLFSPEED-C3D02065E Datasheet
1Mb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 10-2016
C3D06060G WOLFSPEED-C3D06060G Datasheet
1Mb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. H, 01-2018
C4D02120E WOLFSPEED-C4D02120E Datasheet
896Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. I, 01-2017
C4D05120E WOLFSPEED-C4D05120E Datasheet
925Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. F, 01-2017
C6D04065E WOLFSPEED-C6D04065E Datasheet
633Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 05-2020
C3D03065E WOLFSPEED-C3D03065E Datasheet
1Mb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. B, 08-2016
C4D10120D WOLFSPEED-C4D10120D Datasheet
929Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. H, 09-2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com