Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4D10120H Datasheet(PDF) 5 Page - Cree, Inc

Part # C4D10120H
Description  Silicon Carbide Schottky Diode Z-Rec Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4D10120H Datasheet(HTML) 5 Page - Cree, Inc

  C4D10120H Datasheet HTML 1Page - Cree, Inc C4D10120H Datasheet HTML 2Page - Cree, Inc C4D10120H Datasheet HTML 3Page - Cree, Inc C4D10120H Datasheet HTML 4Page - Cree, Inc C4D10120H Datasheet HTML 5Page - Cree, Inc C4D10120H Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
C4D10120H Rev. -, 02-2018
Package Dimensions
Package TO-247-2
TECHNOLOGIES, INC.
·
Recommended Solder Pad Layout
POS
Inches
Millimeters
Min
Max
Min
Max
A
.190
.205
4.70
5.31
A1
.087
.102
2.21
2.59
A2
.059
.098
1.50
2.49
b
.039
.055
0.99
1.40
b2
.065
.094
1.65
2.39
c
.015
.035
0.38
0.89
D
.819
.845
20.80
21.46
D1
.515
-
13.08
-
D2
.020
.053
0.51
1.35
E
.620
.640
15.49
16.26
E1
.530
-
13.46
-
E2
.135
.157
3.43
3.99
e
.214
5.44
ØK
.010
0.25
L
.780
.800
19.81
20.32
L1
-
.177
-
4.50
ØP
.140
.144
3.56
3.66
ØP1
.278
.291
7.06
7.39
Q
.212
.244
5.38
6.20
S
.243
6.17
W
-
.006
-
0.15
TO-247-2
.4
all units are in inches
PIN 1
PIN 2
CASE
Note: Recommended soldering profiles can be found in the applications note here:
http://www.wolfspeed.com/power_app_notes/soldering
Part Number
Package
Marking
C4D10120H
TO-247-2
C4D10120


Similar Part No. - C4D10120H

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C4D10120H WOLFSPEED-C4D10120H Datasheet
669Kb / 9P
   4th Generation 1200 V, 10 A Silicon Carbide Schottky Diode
Rev. 2, January 2023
More results

Similar Description - C4D10120H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4D20120H CREE-C4D20120H Datasheet
679Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec Rectifier
C4D15120H CREE-C4D15120H Datasheet
804Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec Rectifier
C5D10170H CREE-C5D10170H Datasheet
613Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec Rectifier
logo
WOLFSPEED, INC.
C3D02065E WOLFSPEED-C3D02065E Datasheet
1Mb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 10-2016
C3D06060G WOLFSPEED-C3D06060G Datasheet
1Mb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. H, 01-2018
C4D02120E WOLFSPEED-C4D02120E Datasheet
896Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. I, 01-2017
C4D05120E WOLFSPEED-C4D05120E Datasheet
925Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. F, 01-2017
C6D04065E WOLFSPEED-C6D04065E Datasheet
633Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. A, 05-2020
C3D03065E WOLFSPEED-C3D03065E Datasheet
1Mb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. B, 08-2016
C4D10120D WOLFSPEED-C4D10120D Datasheet
929Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. H, 09-2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com