Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3M0120100J Datasheet(PDF) 5 Page - Cree, Inc

Part # C3M0120100J
Description  Silicon Carbide Power MOSFET C3M MOSFET Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3M0120100J Datasheet(HTML) 5 Page - Cree, Inc

  C3M0120100J Datasheet HTML 1Page - Cree, Inc C3M0120100J Datasheet HTML 2Page - Cree, Inc C3M0120100J Datasheet HTML 3Page - Cree, Inc C3M0120100J Datasheet HTML 4Page - Cree, Inc C3M0120100J Datasheet HTML 5Page - Cree, Inc C3M0120100J Datasheet HTML 6Page - Cree, Inc C3M0120100J Datasheet HTML 7Page - Cree, Inc C3M0120100J Datasheet HTML 8Page - Cree, Inc C3M0120100J Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
C3M0120100J Rev. -, 04-2017
Typical Performance
Figure 15. 3rd Quadrant Characteristic at 150 ºC
Figure 13. 3rd Quadrant Characteristic at -55 ºC
-40
-30
-20
-10
0
-6
-5
-4
-3
-2
-1
0
Drain-Source VoltageVDS (V)
Conditions:
TJ = -55 °C
tp < 200 µs
VGS = 10 V
VGS = 5 V
VGS = 15 V
VGS = 0 V
-40
-30
-20
-10
0
-6
-5
-4
-3
-2
-1
0
Drain-Source VoltageVDS (V)
Conditions:
TJ = 25 °C
tp < 200 µs
VGS = 10 V
VGS = 5 V
VGS = 15 V
VGS = 0 V
-40
-30
-20
-10
0
-6
-5
-4
-3
-2
-1
0
Drain-Source VoltageVDS (V)
Conditions:
TJ = 150 °C
tp < 200 µs
VGS = 10 V
VGS = 5 V
VGS = 15 V
VGS = 0 V
Figure 14. 3rd Quadrant Characteristic at 25 ºC
0
5
10
15
20
25
0
200
400
600
800
1000
1200
Drain to Source Voltage, VDS (V)
Figure 16. Output Capacitor Stored Energy
Figure 17. Capacitances vs. Drain-Source
Voltage (0 - 200V)
1
10
100
1000
0
50
100
150
200
Drain-Source Voltage, VDS (V)
Ciss
Coss
Conditions:
TJ = 25 °C
VAC = 25 mV
f = 1 MHz
Crss
1
10
100
1000
0
200
400
600
800
1000
Drain-Source Voltage, VDS (V)
Ciss
Coss
Conditions:
TJ = 25 °C
VAC = 25 mV
f = 1 MHz
Crss
Figure 18. Capacitances vs. Drain-Source
Voltage (0 - 1000V)


Similar Part No. - C3M0120100J

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C3M0120100J WOLFSPEED-C3M0120100J Datasheet
1,023Kb / 10P
   Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 1, 10-2020
More results

Similar Description - C3M0120100J

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C3M0030090K CREE-C3M0030090K Datasheet
1Mb / 11P
   Silicon Carbide Power MOSFET C3M MOSFET Technology
C3M0075120K CREE-C3M0075120K Datasheet
1Mb / 11P
   Silicon Carbide Power MOSFET C3M MOSFET Technology
C3M0065100J CREE-C3M0065100J Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET C3M MOSFET Technology
C3M0075120D CREE-C3M0075120D Datasheet
877Kb / 10P
   Silicon Carbide Power MOSFET C3M MOSFET Technology
C3M0075120J CREE-C3M0075120J Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET C3M MOSFET Technology
logo
WOLFSPEED, INC.
CPM3-1200-0075A WOLFSPEED-CPM3-1200-0075A Datasheet
420Kb / 7P
   Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 03-2020
CPM3-1200-0021A WOLFSPEED-CPM3-1200-0021A Datasheet
471Kb / 7P
   Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 1 01-2020
CPM3-1200-0016A WOLFSPEED-CPM3-1200-0016A Datasheet
566Kb / 8P
   Silicon Carbide Power MOSFET C3M TM MOSFET Technology Industry Leading Performance
Rev. 2, 01-2021
C3M0025065K WOLFSPEED-C3M0025065K Datasheet
1Mb / 13P
   Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 2, OCTOBER 2022
C3M0032120K WOLFSPEED-C3M0032120K Datasheet
1Mb / 12P
   Silicon Carbide Power MOSFET C3M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 3, 11-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com