Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2M0080170P Datasheet(PDF) 7 Page - Cree, Inc

Part # C2M0080170P
Description  Silicon Carbide Power MOSFET C2M MOSFET Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C2M0080170P Datasheet(HTML) 7 Page - Cree, Inc

Back Button C2M0080170P Datasheet HTML 2Page - Cree, Inc C2M0080170P Datasheet HTML 3Page - Cree, Inc C2M0080170P Datasheet HTML 4Page - Cree, Inc C2M0080170P Datasheet HTML 5Page - Cree, Inc C2M0080170P Datasheet HTML 6Page - Cree, Inc C2M0080170P Datasheet HTML 7Page - Cree, Inc C2M0080170P Datasheet HTML 8Page - Cree, Inc C2M0080170P Datasheet HTML 9Page - Cree, Inc C2M0080170P Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
C2M0080170P Rev. A, 05-2018
Typical Performance
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
5
10
15
20
25
External Gate Resistor RG(ext) (Ohms)
EOff
EOn
ETotal
Conditions:
TJ = 25 °C
VDD = 1200 V
IDS = 20 A
VGS = -5V/+20 V
FWD = C2M0080170P
L = 200 μH
0
20
40
60
80
100
0
5
10
15
20
25
External Gate Resistor RG(ext) (Ohms)
td(off)
Conditions:
TJ = 25 °C
VDD = 1200 V
IDS = 20 A
VGS = -5V/+20 V
FWD = C2M0080170P
L = 200 μH
tr
tf
td(on)
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
175
Junction Temperature, TJ (°C)
EOn
ETotal
Conditions:
IDS = 20 A
VDD = 1200 V
RG(ext) = 2.5 Ω
VGS = -5V/+20 V
FWD = C3M0080170P
(
- - -)FWD = C3D10170H
L = 200 μH
ETotal
EOn
EOff
Figure 26. Clamped Inductive Switching Energy vs.
Temperature
Figure 27. Switching Times vs. R
G(ext)
Figure 25. Clamped Inductive Switching Energy vs. R
G(ext)
Figure28.SwitchingTimesDefinition


Similar Part No. - C2M0080170P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C2M0080120D CREE-C2M0080120D Datasheet
869Kb / 9P
   Silicon Carbide Power MOSFET Z-FETTM MOSFET
C2M0080120D CREE-C2M0080120D Datasheet
482Kb / 2P
   CREE Silicon Carbide MOSFET Evaluation Kit
logo
WOLFSPEED, INC.
C2M0080120D WOLFSPEED-C2M0080120D Datasheet
824Kb / 10P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. D, 09-2019
logo
Cree, Inc
C2M0080120D CREE-C2M0080120D_15 Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET
More results

Similar Description - C2M0080170P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPM2-1200-0040B CREE-CPM2-1200-0040B Datasheet
789Kb / 7P
   Silicon Carbide Power MOSFET C2M MOSFET Technology
CPM2-1200-0160B CREE-CPM2-1200-0160B Datasheet
833Kb / 7P
   Silicon Carbide Power MOSFET C2M MOSFET Technology
C2M0045170P CREE-C2M0045170P Datasheet
1Mb / 10P
   Silicon Carbide Power MOSFET C2M MOSFET Technology
CPM2-1200-0025B CREE-CPM2-1200-0025B Datasheet
923Kb / 7P
   Silicon Carbide Power MOSFET C2M MOSFET Technology
CPM2-1700-0045B CREE-CPM2-1700-0045B Datasheet
988Kb / 7P
   Silicon Carbide Power MOSFET C2M MOSFET Technology
logo
WOLFSPEED, INC.
C2M0040120D WOLFSPEED-C2M0040120D Datasheet
972Kb / 11P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 3, 04-2021
C2M0025120D WOLFSPEED-C2M0025120D Datasheet
893Kb / 11P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 5, 04-2021
C2M0280120D WOLFSPEED-C2M0280120D Datasheet
789Kb / 11P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 3, 02-2021
CPM2-1200-0080A WOLFSPEED-CPM2-1200-0080A Datasheet
533Kb / 7P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 1, 09-2020
C2M1000170D WOLFSPEED-C2M1000170D Datasheet
918Kb / 11P
   Silicon Carbide Power MOSFET C2M TM MOSFET Technology N-Channel Enhancement Mode
Rev. 9, 06-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com