Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS112C04IRTET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS112C04IRTET
Description  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112C04IRTET Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS112C04IRTET Datasheet HTML 3Page - Texas Instruments ADS112C04IRTET Datasheet HTML 4Page - Texas Instruments ADS112C04IRTET Datasheet HTML 5Page - Texas Instruments ADS112C04IRTET Datasheet HTML 6Page - Texas Instruments ADS112C04IRTET Datasheet HTML 7Page - Texas Instruments ADS112C04IRTET Datasheet HTML 8Page - Texas Instruments ADS112C04IRTET Datasheet HTML 9Page - Texas Instruments ADS112C04IRTET Datasheet HTML 10Page - Texas Instruments ADS112C04IRTET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
7
ADS112C04
www.ti.com
SBAS894 – APRIL 2018
Product Folder Links: ADS112C04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –40°C to +125°C; typical specifications are at TA = 25°C;
all specifications are at AVDD = 2.3 V to 5.5 V, AVSS = 0 V, DVDD = 3.3 V, PGA enabled, all data rates, and internal
reference enabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS/OUTPUTS
VIL
Logic input level, low
DGND
0.3 DVDD
V
VIH
Logic input level, high
2.3 V
≤ DVDD < 3.0 V,
SCL, SDA, A0, A1, DRDY
0.7 DVDD
DVDD + 0.5
V
3.0 V
≤ DVDD ≤ 5.5 V,
SCL, SDA, A0, A1, DRDY
0.7 DVDD
5.5
RESET
0.7 DVDD
DVDD
Vhys
Hysteresis of Schmitt-trigger
inputs
Fast-mode, fast-mode plus
0.05 DVDD
V
VOL
Logic output level, low
IOL = 3 mA
DGND
0.15
0.4
V
IOL
Low-level output current
VOL = 0.4 V, standard-mode, fast-mode
3
mA
VOL = 0.4 V, fast-mode plus
20
VOL = 0.6 V, fast-mode
6
Ii
Input current
DGND + 0.1 V < VDigital Input < DVDD – 0.1 V
–10
10
µA
Ci
Capacitance
Each pin
10
pF
ANALOG SUPPLY CURRENT (AVDD = 3.3 V, VIN = 0 V, IDACs Turned Off)
IAVDD
Analog supply current
Power-down mode
0.1
3
µA
Normal mode, PGA disabled, gain = 1 to 4
250
Normal mode, gain = 1 to 16
360
510
Normal mode, gain = 32
455
Normal mode, gain = 64, 128
550
Turbo mode, PGA disabled, gain = 1 to 4
370
Turbo mode, gain = 1 to 16
580
Turbo mode, gain = 32
765
Turbo mode, gain = 64, 128
955
ADDITIONAL ANALOG SUPPLY CURRENTS PER FUNCTION (AVDD = 3.3 V)
IAVDD
Analog supply current
External reference selected
60
µA
IDAC overhead (excludes the actual IDAC current)
195
DIGITAL SUPPLY CURRENT (DVDD = 3.3 V, All Data Rates, I2C Not Active)
IDVDD
Digital supply current
Power-down mode
0.3
5
µA
Normal mode
65
100
Turbo mode
100
POWER DISSIPATION (AVDD = DVDD = 3.3 V, All Data Rates, VIN = 0 V, I
2C Not Active)
PD
Power dissipation
Normal mode, gain = 1 to 16
1.4
mW
Turbo mode, gain = 1 to 16
2.2


Similar Part No. - ADS112C04IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Similar Description - ADS112C04IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com