Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12DL3200ACF Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL3200ACF
Description  6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL3200ACF Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC12DL3200ACF Datasheet HTML 3Page - Texas Instruments ADC12DL3200ACF Datasheet HTML 4Page - Texas Instruments ADC12DL3200ACF Datasheet HTML 5Page - Texas Instruments ADC12DL3200ACF Datasheet HTML 6Page - Texas Instruments ADC12DL3200ACF Datasheet HTML 7Page - Texas Instruments ADC12DL3200ACF Datasheet HTML 8Page - Texas Instruments ADC12DL3200ACF Datasheet HTML 9Page - Texas Instruments ADC12DL3200ACF Datasheet HTML 10Page - Texas Instruments ADC12DL3200ACF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
7
ADC12DL3200
www.ti.com
SLVSDR3 – MAY 2018
Product Folder Links: ADC12DL3200
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
G8
VD11
I
1.1-V digital supply
G9
DACLK+
O
LVDS output for data clock of LVDS bus A. Positive connection. This pin can be left disconnected if not
used.
G10
DACLK–
O
LVDS output for data clock of LVDS bus A. Negative connection. This pin can be left disconnected if not
used.
G11
VLVDS
I
1.1-V to 1.9-V LVDS digital interface supply
G12
VLVDS
I
1.1-V to 1.9-V LVDS digital interface supply
G13
DC6+
O
LVDS output for bit 6 of LVDS bus C. Positive connection. This pin can be left disconnected if not used.
G14
DC6–
O
LVDS output for bit 6 of LVDS bus C. Negative connection. This pin can be left disconnected if not used.
G15
DCCLK+
O
LVDS output for data clock of LVDS bus C. Positive connection. This pin can be left disconnected if not
used.
G16
DCCLK–
O
LVDS output for data clock of LVDS bus C. Negative connection. This pin can be left disconnected if not
used.
H1
CLK+
I
Device (sampling) clock positive input. TI strongly recommends that the clock signal be AC-coupled to
this input for best performance. In single-channel mode, the analog input signal is sampled on both
rising and falling edges. In-dual channel mode, the analog signal is sampled on the rising edge. This
differential input has an internal untrimmed 100-Ω differential termination and is self-biased to the
optimal input common-mode voltage as long as DEVCLK_LVPECL_EN is set to 0.
H2
AGND
Analog supply ground. Tie AGND and DGND to a common ground plane (GND) on the circuit board.
H3
VA19
I
1.9-V analog supply
H4
VA19
I
1.9-V analog supply
H5
VA19
I
1.9-V analog supply
H6
VA19
I
1.9-V analog supply
H7
DGND
Digital supply ground. Tie AGND and DGND to a common ground plane (GND) on the circuit board.
H8
DGND
Digital supply ground. Tie AGND and DGND to a common ground plane (GND) on the circuit board.
H9
DASTR+
O
LVDS output for data strobe of LVDS bus A. Positive connection. This pin can be left disconnected if not
used.
H10
DASTR–
O
LVDS output for data strobe of LVDS bus A. Negative connection. This pin can be left disconnected if
not used.
H11
VLVDS
I
1.1-V to 1.9-V LVDS digital interface supply
H12
VLVDS
I
1.1-V to 1.9-V LVDS digital interface supply
H13
VLVDS
I
1.1-V to 1.9-V LVDS digital interface supply
H14
DGND
Digital supply ground. Tie AGND and DGND to a common ground plane (GND) on the circuit board.
H15
DCSTR+
O
LVDS output for data strobe of LVDS bus C. Positive connection. This pin can be left disconnected if not
used.
H16
DCSTR–
O
LVDS output for data strobe of LVDS bus C. Negative connection. This pin can be left disconnected if
not used.
J1
CLK–
I
Device (sampling) clock negative input. TI strongly recommends that the clock signal be AC-coupled to
this input for best performance.
J2
AGND
Analog supply ground. Tie AGND and DGND to a common ground plane (GND) on the circuit board.
J3
VA19
I
1.9-V analog supply
J4
VA19
I
1.9-V analog supply
J5
VA19
I
1.9-V analog supply
J6
VA19
I
1.9-V analog supply
J7
DGND
Digital supply ground. Tie AGND and DGND to a common ground plane (GND) on the circuit board.
J8
DGND
Digital supply ground. Tie AGND and DGND to a common ground plane (GND) on the circuit board.
J9
DBSTR+
O
LVDS output for data strobe of LVDS bus B. Positive connection. This pin can be left disconnected if not
used.
J10
DBSTR–
O
LVDS output for data strobe of LVDS bus B. Negative connection. This pin can be left disconnected if
not used.
J11
VLVDS
I
1.1-V to 1.9-V LVDS digital interface supply


Similar Part No. - ADC12DL3200ACF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL3200ACF TI1-ADC12DL3200ACF Datasheet
2Mb / 142P
[Old version datasheet]   ADC12DL3200 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
More results

Similar Description - ADC12DL3200ACF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL3200 TI1-ADC12DL3200_V01 Datasheet
2Mb / 142P
[Old version datasheet]   ADC12DL3200 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ3200 TI1-ADC08DJ3200 Datasheet
2Mb / 127P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP_V01 Datasheet
1Mb / 149P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
DAC12DL3200 TI-DAC12DL3200 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
DAC12DL3200 TI-DAC12DL3200_V01 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com