Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA-E67B Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LA-E67B
Description  white P-LCC-4 package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E67B Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LA-E67B Datasheet HTML 6Page - OSRAM GmbH LA-E67B Datasheet HTML 7Page - OSRAM GmbH LA-E67B Datasheet HTML 8Page - OSRAM GmbH LA-E67B Datasheet HTML 9Page - OSRAM GmbH LA-E67B Datasheet HTML 10Page - OSRAM GmbH LA-E67B Datasheet HTML 11Page - OSRAM GmbH LA-E67B Datasheet HTML 12Page - OSRAM GmbH LA-E67B Datasheet HTML 13Page - OSRAM GmbH LA-E67B Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LS E67B, LA E67B, LO E67B, LY E67B
2003-05-26
11
Wellenlöten (TTW)
(nach CECC 00802)
TTW Soldering
(acc. to CECC 00802)
OHLY0598
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
C
s
235 C
10 s
C
... 260
1. Welle
1. wave
2. Welle
2. wave
5 K/s
2 K/s
ca 200 K/s
CC
... 130
100
2 K/s
Zwangskühlung
forced cooling
Normalkurve
standard curve
Grenzkurven
limit curves


Similar Part No. - LA-E67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E67B OSRAM-LA-E67B Datasheet
440Kb / 19P
   white PLCC-4 package, colorless clear resin
More results

Similar Description - LA-E67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-E63B OSRAM-LS-E63B Datasheet
205Kb / 16P
   white P-LCC-4 package
LBLTLVE67C OSRAM-LBLTLVE67C Datasheet
188Kb / 15P
   white P-LCC-4 package
LMW-G5AP OSRAM-LMW-G5AP Datasheet
396Kb / 17P
   white P-LCC-4 package, clear silicone resin
LSY-T675 OSRAM-LSY-T675 Datasheet
412Kb / 15P
   white P-LCC-4 package, colorless clear resin
LAY-T67B OSRAM-LAY-T67B Datasheet
353Kb / 15P
   white P-LCC-4 package, colorless clear resin
LOG-T671 OSRAM-LOG-T671 Datasheet
529Kb / 15P
   white P-LCC-4 package, colorless clear resin
LS-E65F OSRAM-LS-E65F Datasheet
344Kb / 19P
   white P-LCC-4 package, colorless clear resin
LOGT671 OSRAM-LOGT671 Datasheet
529Kb / 15P
   white P-LCC-4 package, colorless clear resin
LAYT67F OSRAM-LAYT67F Datasheet
254Kb / 16P
   white P-LCC-4 package, colorless clear resin
LAY-T67F OSRAM-LAY-T67F Datasheet
254Kb / 16P
   white P-LCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com