Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB-T67C Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LB-T67C
Description  white PLCC-2 package, colorless clear resin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-T67C Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LB-T67C Datasheet HTML 6Page - OSRAM GmbH LB-T67C Datasheet HTML 7Page - OSRAM GmbH LB-T67C Datasheet HTML 8Page - OSRAM GmbH LB-T67C Datasheet HTML 9Page - OSRAM GmbH LB-T67C Datasheet HTML 10Page - OSRAM GmbH LB-T67C Datasheet HTML 11Page - OSRAM GmbH LB-T67C Datasheet HTML 12Page - OSRAM GmbH LB-T67C Datasheet HTML 13Page - OSRAM GmbH LB-T67C Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2015-04-30
10
Version 3.1 (not for new design)
LB T67C
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TA = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit I
F = f(tp)
D: Duty cycle, TA = 85 °C
temp. solder point
40
20
0
T
0
S
100
80
60
˚C
T
IF
mA
OHL21573
5
10
15
20
25
temp. ambient
TA
TA
TS
OHL01969
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
0.05
0.10
0.15
0.20
0.25
0.35
1
OHL01962
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
0.05
0.10
0.15
0.20
0.25
0.35
1


Similar Part No. - LB-T67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-T673 OSRAM-LB-T673 Datasheet
636Kb / 22P
   white PLCC-2 package, colorless clear resin
LB-T676 OSRAM-LB-T676 Datasheet
391Kb / 15P
   white P-LCC-2 package, colorless clear resin
More results

Similar Description - LB-T67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LG-T670 OSRAM-LG-T670 Datasheet
442Kb / 19P
   white PLCC-2 package, colorless clear resin
LO-T676 OSRAM-LO-T676 Datasheet
477Kb / 19P
   white PLCC-2 package, colorless clear resin
LS-T679 OSRAM-LS-T679 Datasheet
439Kb / 19P
   white PLCC-2 package, colorless clear resin
LT-T67C OSRAM-LT-T67C Datasheet
606Kb / 22P
   white PLCC-2 package, colorless clear resin
LP-T67F OSRAM-LP-T67F Datasheet
985Kb / 20P
   white PLCC-2 package, colorless clear resin
LG-T679 OSRAM-LG-T679 Datasheet
440Kb / 19P
   white PLCC-2 package, colorless clear resin
LY-T67K OSRAM-LY-T67K Datasheet
444Kb / 19P
   white PLCC-2 package, colorless clear resin
LY-T676 OSRAM-LY-T676 Datasheet
990Kb / 22P
   white PLCC-2 package, colorless clear resin
LY-T679 OSRAM-LY-T679 Datasheet
440Kb / 19P
   white PLCC-2 package, colorless clear resin
LT-TTSD OSRAM-LT-TTSD Datasheet
737Kb / 22P
   white PLCC-2 package, colorless clear resin
LG-T676 OSRAM-LG-T676 Datasheet
536Kb / 21P
   white PLCC-2 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com