Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5538 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE5538
Description  Silicon Controlled Rectifier (SCR) 800VDRM, 50A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5538 Datasheet(HTML) 2 Page - NTE Electronics

  NTE5538 Datasheet HTML 1Page - NTE Electronics NTE5538 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TJ = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate Trigger Current
IGT
VD = 12V, RL = 33Ω, tp ≥ 20µs
80
mA
Gate Trigger Voltage
VGT
1.5
V
Gate Non–Trigger Voltage
VGD
TJ = +125°C, VD = 800V, RL = 3.3kΩ
0.2
V
Holding Current
IH
IT = 0.5A, Gate Open
20
150
mA
Peak On–State Voltage
VTM
ITM = 100A, tp = 10ms
1.9
V
Forward Leakage Current
IDRM
VDRM = 800V
0.02
mA
TJ = +125°C
6.0
mA
Reverse Leakage Current
IRRM
VDRM = 800V
0.02
mA
TJ = +125°C
6.0
mA
Total Turn–On Time
tgt
IT = 80A, VD = 800V, IG = 200mA, diG/dt = 0.2A/µs
2
µs
Turn–Off Time
tq
TJ = +125°C, IT = 80A, VR = 75V, VD = 536V,
diR/dt = 30A/µs, dv/dt = 20V/µs, Gate Open
100
µs
Critical Rate of Rise of
Off–State Voltage
dv/dt
TJ = +125°C, VDRM = 536V, Gate Open,
Linear Slope Up
500
V/
µs
KA
G
Isol
.060 (1.52)
.173 (4.4)
.215 (5.45)
.055 (1.4)
.015 (0.39)
.500
(12.7)
Min
.430
(10.92)
.550
(13.97)
.156
(3.96)
Dia.
NOTE: Dotted line indicates
that case may have square
corners.
.600 (15.24)


Similar Part No. - NTE5538

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE553 NTE-NTE553 Datasheet
17Kb / 1P
   Schottky Barrier Diode
NTE5531 NTE-NTE5531 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR), 25A
NTE5531 NTE-NTE5531 Datasheet
57Kb / 2P
   Silicon Controlled Rectifier (SCR) 25 Amp, TO48
NTE5536 NTE-NTE5536 Datasheet
20Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5539 NTE-NTE5539 Datasheet
19Kb / 2P
   Silicon Controlled Rectifier (SCR) 55 Amps
More results

Similar Description - NTE5538

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5514 NTE-NTE5514 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5492 NTE-NTE5492 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5460 NTE-NTE5460 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5517 NTE-NTE5517 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5536 NTE-NTE5536 Datasheet
20Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5520 NTE-NTE5520 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR), 25A
NTE5511 NTE-NTE5511 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 5 Amp
NTE5539 NTE-NTE5539 Datasheet
19Kb / 2P
   Silicon Controlled Rectifier (SCR) 55 Amps
NTE5590 NTE-NTE5590 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 470 Amp
NTE5368 NTE-NTE5368 Datasheet
19Kb / 2P
   Silicon Controlled Rectifier (SCR) 125 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com