Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB-E6SG Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LB-E6SG
Description  white PLCC-4 package, colorless clear silicone resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-E6SG Datasheet(HTML) 5 Page - OSRAM GmbH

  LB-E6SG Datasheet HTML 1Page - OSRAM GmbH LB-E6SG Datasheet HTML 2Page - OSRAM GmbH LB-E6SG Datasheet HTML 3Page - OSRAM GmbH LB-E6SG Datasheet HTML 4Page - OSRAM GmbH LB-E6SG Datasheet HTML 5Page - OSRAM GmbH LB-E6SG Datasheet HTML 6Page - OSRAM GmbH LB-E6SG Datasheet HTML 7Page - OSRAM GmbH LB-E6SG Datasheet HTML 8Page - OSRAM GmbH LB-E6SG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.3
LB E6SG
2016-10-27
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
3) page 20
Durchlassspannungsgruppen 3) Seite 20
Dominant Wavelength Groups 2) page 20
Dominant Wellenlängengruppen 2) Seite 20
Group
Luminous Intensity 1) page 20
Luminous Intensity 1) page 20
Luminous Flux 6) page 20
Gruppe
Lichtstärke 1) Seite 20
Lichtstärke 1) Seite 20
Lichtstrom 6) Seite 20
(min.) I
v [mcd]
(max.) I
v [mcd]
(typ.) Φ
V [mlm]
T2
355
450
1210
U1
450
560
1520
U2
560
710
1910
V1
710
900
2420
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
4
2.90
3.20
5
3.20
3.50
6
3.50
3.80
Group
blue
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
3
463
467
4
467
471
5
471
475
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.


Similar Part No. - LB-E6SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-E63C OSRAM-LB-E63C Datasheet
1Mb / 22P
   white PLCC-4 package, colorless clear resin
LB-E67C OSRAM-LB-E67C Datasheet
458Kb / 17P
   white P-LCC-4 package, colorless clear resin
More results

Similar Description - LB-E6SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E6SF OSRAM-LA-E6SF Datasheet
493Kb / 21P
   white PLCC-4 package, colorless clear silicone resin
LT-E6SG OSRAM-LT-E6SG Datasheet
497Kb / 21P
   white PLCC-4 package, colorless clear silicone resin
LRG5AP OSRAM-LRG5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LA-G5AP OSRAM-LA-G5AP Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LR-G5AP OSRAM-LR-G5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LY-G5AP OSRAM-LY-G5AP Datasheet
910Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
   white PLCC-4 package, colorless clear resin
LS-E67F OSRAM-LS-E67F Datasheet
439Kb / 20P
   white PLCC-4 package, colorless clear resin
LT-E63C OSRAM-LT-E63C Datasheet
647Kb / 22P
   white PLCC-4 package, colorless clear resin
LY-E65F OSRAM-LY-E65F Datasheet
548Kb / 21P
   white PLCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com