Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4127C Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4127C
Description  20-W 48-V Input Isolated DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4127C Datasheet(HTML) 3 Page - Texas Instruments

  PT4127C Datasheet HTML 1Page - Texas Instruments PT4127C Datasheet HTML 2Page - Texas Instruments PT4127C Datasheet HTML 3Page - Texas Instruments PT4127C Datasheet HTML 4Page - Texas Instruments PT4127C Datasheet HTML 5Page - Texas Instruments PT4127C Datasheet HTML 6Page - Texas Instruments PT4127C Datasheet HTML 7Page - Texas Instruments PT4127C Datasheet HTML 8Page - Texas Instruments PT4127C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT4120 Series
20-W 48-V Input Isolated
DC/DC Converter
PT4122, 5.0 VDC (See Note A)
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Safe Operating Area, Vin =48V (See Note B)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT4121, 3.3 VDC (See Note A)
PT4123, 12.0 VDC (See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
50
60
70
80
90
012345
Iout (A)
36.0V
48.0V
75.0V
Vin
0
2
4
6
8
10
12
012345
Iout (A)
75.0V
48.0V
36.0V
Vin
0
1
2
3
4
5
6
0
123
45
Iout (A)
75.0V
48.0V
36.0V
Vin
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
2.5
3
3.5
4
Iout (A)
36.0V
48.0V
75.0V
Vin
0
2
4
6
8
10
12
14
16
0
0.5
1
1.5
2
2.5
3
3.5
4
Iout (A)
75.0V
48.0V
36.0V
Vin
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
3.5
4
Iout (A)
75.0V
48.0V
36.0V
Vin
50
55
60
65
70
75
80
85
90
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Iout (A)
36.0V
48.0V
75.0V
Vin
0
10
20
30
40
50
60
70
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Iout (A)
75.0V
48.0V
36.0V
Vin
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Iout (A)
75.0V
48.0V
36.0V
Vin
Safe Operating Area, Vin =48V (See Note B)
Safe Operating Area, Vin =48V (See Note B)
20
30
40
50
60
70
80
90
012
34
5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
1234
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
0.25
0.5
0.75
1
1.25
1.5
1.75
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow


Similar Part No. - PT4127C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT4120 SHARP-PT4120 Datasheet
49Kb / 4P
   Side View and Thin Flat Type 2-Phase Output Phototransistor
logo
Texas Instruments
PT4121C TI1-PT4121C Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4122A TI1-PT4122A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4122C TI1-PT4122C Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4123A TI1-PT4123A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT4127C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com