Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9844-2QX Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE9844-2QX
Description  Microcontroller with LIN and Power Switches for Automotive Applications
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9844-2QX Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE9844-2QX Datasheet HTML 3Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 4Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 5Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 6Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 7Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 8Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 9Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 10Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
TLE9844-2QX
Overview
Data Sheet
7
Rev. 1.0, 2016-05-06
– Sleep Mode with cyclic sense option
– Cyclic wake-up during Sleep Mode
– Stop Mode with cyclic sense option
Power-on and undervoltage/brownout reset generator
Overtemperature protection
Short circuit protection for all voltage regulators and actuators (High Side, Low Side)
Loss of clock detection with fail safe mode for power switches
Temperature Range TJ: -40 °C up to 150 °C
Package VQFN-48-31 with LTI feature
Green package (RoHS compliant)
AEC Qualified


Similar Part No. - TLE9844-2QX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9844QX INFINEON-TLE9844QX Datasheet
4Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
More results

Similar Description - TLE9844-2QX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9843-2QX INFINEON-TLE9843-2QX Datasheet
2Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9844QX INFINEON-TLE9844QX Datasheet
4Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9833QX INFINEON-TLE9833QX Datasheet
3Mb / 94P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.1, 2012-03-08
TLE9843QX INFINEON-TLE9843QX Datasheet
4Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9845QX INFINEON-TLE9845QX Datasheet
4Mb / 129P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9834QX INFINEON-TLE9834QX Datasheet
3Mb / 94P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.1, 2012-03-08
TLE9832-2 INFINEON-TLE9832-2 Datasheet
3Mb / 94P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.1, 2012-03-08
TLE9842-2QX INFINEON-TLE9842-2QX Datasheet
2Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9842QX INFINEON-TLE9842QX Datasheet
4Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9832 INFINEON-TLE9832 Datasheet
3Mb / 94P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.1, 2012-03-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com