Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9844-2QX Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE9844-2QX
Description  Microcontroller with LIN and Power Switches for Automotive Applications
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9844-2QX Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE9844-2QX Datasheet HTML 25Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 26Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 27Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 28Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 29Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 30Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 31Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 32Page - Infineon Technologies AG TLE9844-2QX Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
TLE9844-2QX
System Control Unit - Digital Modules (SCU-DM)
Data Sheet
29
Rev. 1.0, 2016-05-06
6.3
Clock Generation Unit
The Clock Generation Unit (CGU) provides a flexible clock generation for TLE9844-2QX. During user program
execution the frequency can be programmed for an optimal ratio between performance and power consumption.
Therefore the power consumption can be adapted to the actual application state.
The CGU in the TLE9844-2QX consists of one oscillator circuit (OSC_HP), a Phase-Locked Loop (PLL) module
including an internal oscillator (OSC_PLL) and a Clock Control Unit (CCU). The CGU can convert a low-frequency
input/external clock signal to a high-frequency internal clock.
The system clock
f
SYS is generated out of the following selectable clocks:
PLL clock output
f
PLL
Direct clock from oscillator OSC_HP
f
OSC
Direct output of internal Oscillator
f
INTOSC
Low precision clock
f
LP_CLK (HW-enabled for startup after reset and during power-down wake-up sequence)
The following sections describe the different parts of the CGU.
6.3.1
Low Precision Clock
The clock source LP_CLK is a low-precision RC oscillator (LP-OSC, see
f
LP_CLK) that is enabled by hardware as
an independent clock source for the TLE9844-2QX startup after reset and during the power-down wake-up
sequence. There is no user configuration possible on
f
LP_CLK.
6.3.2
High Precision Oscillator Circuit (OSC_HP)
The high precision oscillator circuit, designed to work with both an external crystal oscillator or an external stable
clock source, consists of an inverting amplifier with XTAL1 as input, and XTAL2 as output.
Figure 11 shows the recommended external circuitries for both operating modes, External Crystal Mode and
External Input Clock Mode.
6.3.2.1
External Input Clock Mode
When supplying the clock signal directly, not using an external crystal and bypassing the oscillator, the input
frequency needs to be within the range of 4 MHz to 24 MHz if the PLL VCO part is used.
When using an external clock signal it must be connected to XTAL1. XTAL2 is left open (unconnected).
6.3.2.2
External Crystal Mode
When using an external crystal, its frequency can be within the range of 4 MHz to 6 MHz. An external oscillator
load circuitry must be used, connected to both pins, XTAL1 and XTAL2. It consists normally of the two load
capacitances C1 and C2, for some crystals a series damping resistor might be necessary. The exact values and
related operating range are dependent on the crystal and have to be determined and optimized together with the
crystal vendor using the negative resistance method. As starting point for the evaluation, the following load cap
values may be used:
Table 5
External CAP Capacitors
Fundamental Mode Crystal Frequency (approx., MHz) Load Caps
C
1, C2 (pF)
433
522
618


Similar Part No. - TLE9844-2QX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9844QX INFINEON-TLE9844QX Datasheet
4Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
More results

Similar Description - TLE9844-2QX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9843-2QX INFINEON-TLE9843-2QX Datasheet
2Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9844QX INFINEON-TLE9844QX Datasheet
4Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9833QX INFINEON-TLE9833QX Datasheet
3Mb / 94P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.1, 2012-03-08
TLE9843QX INFINEON-TLE9843QX Datasheet
4Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9845QX INFINEON-TLE9845QX Datasheet
4Mb / 129P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9834QX INFINEON-TLE9834QX Datasheet
3Mb / 94P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.1, 2012-03-08
TLE9832-2 INFINEON-TLE9832-2 Datasheet
3Mb / 94P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.1, 2012-03-08
TLE9842-2QX INFINEON-TLE9842-2QX Datasheet
2Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9842QX INFINEON-TLE9842QX Datasheet
4Mb / 128P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.0, 2016-05-06
TLE9832 INFINEON-TLE9832 Datasheet
3Mb / 94P
   Microcontroller with LIN and Power Switches for Automotive Applications
Rev. 1.1, 2012-03-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com