Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4124C Datasheet(PDF) 7 Page - Texas Instruments

Part # PT4124C
Description  20-W 48-V Input Isolated DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4124C Datasheet(HTML) 7 Page - Texas Instruments

  PT4124C Datasheet HTML 1Page - Texas Instruments PT4124C Datasheet HTML 2Page - Texas Instruments PT4124C Datasheet HTML 3Page - Texas Instruments PT4124C Datasheet HTML 4Page - Texas Instruments PT4124C Datasheet HTML 5Page - Texas Instruments PT4124C Datasheet HTML 6Page - Texas Instruments PT4124C Datasheet HTML 7Page - Texas Instruments PT4124C Datasheet HTML 8Page - Texas Instruments PT4124C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT4121A
ACTIVE
DIP MOD
ULE
EGD
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4121C
ACTIVE
DIP MOD
ULE
EGE
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4122A
ACTIVE
DIP MOD
ULE
EGD
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4122C
ACTIVE
DIP MOD
ULE
EGE
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4122CT
ACTIVE
DIP MOD
ULE
EGE
6
100
TBD
Call TI
Level-1-215C-UNLIM
PT4123A
ACTIVE
DIP MOD
ULE
EGD
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4123C
ACTIVE
DIP MOD
ULE
EGE
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4124A
ACTIVE
DIP MOD
ULE
EGD
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4124C
ACTIVE
DIP MOD
ULE
EGE
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4125A
ACTIVE
DIP MOD
ULE
EGD
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4125C
ACTIVE
DIP MOD
ULE
EGE
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4126A
ACTIVE
DIP MOD
ULE
EGD
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4126C
ACTIVE
DIP MOD
ULE
EGE
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4127A
ACTIVE
DIP MOD
ULE
EGD
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4127C
ACTIVE
DIP MOD
ULE
EGE
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4128A
ACTIVE
DIP MOD
ULE
EGD
6
16
TBD
Call TI
Level-1-215C-UNLIM
PT4128C
ACTIVE
DIP MOD
ULE
EGE
6
16
TBD
Call TI
Level-1-215C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jun-2005
Addendum-Page 1


Similar Part No. - PT4124C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4124C TI1-PT4124C Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results

Similar Description - PT4124C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com