Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA-G5AP Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LA-G5AP
Description  white PLCC-4 package, colorless clear silicone resin, clear silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-G5AP Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LA-G5AP Datasheet HTML 2Page - OSRAM GmbH LA-G5AP Datasheet HTML 3Page - OSRAM GmbH LA-G5AP Datasheet HTML 4Page - OSRAM GmbH LA-G5AP Datasheet HTML 5Page - OSRAM GmbH LA-G5AP Datasheet HTML 6Page - OSRAM GmbH LA-G5AP Datasheet HTML 7Page - OSRAM GmbH LA-G5AP Datasheet HTML 8Page - OSRAM GmbH LA-G5AP Datasheet HTML 9Page - OSRAM GmbH LA-G5AP Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
2011-05-04
6
LA G5AP
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: CX-2-3A
Beispiel: CX-2-3A
Brightness Group
Helligkeitsgruppe
Wavelength / Chromaticity
coordinate group
Wellenlänge / Farbortgruppe
Forward Voltage Group
Durchlassspannungsgruppe
CX
2
3A
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.


Similar Part No. - LA-G5AP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-G67F OSRAM-LA-G67F Datasheet
429Kb / 15P
   white P-LCC-6 package, colorless clear resin
LA-G6SP OSRAM-LA-G6SP Datasheet
1Mb / 22P
   white SMT package, colorless clear silicone resin
More results

Similar Description - LA-G5AP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRG5AP OSRAM-LRG5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LR-G5AP OSRAM-LR-G5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LY-G5AP OSRAM-LY-G5AP Datasheet
910Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LRW5AM OSRAM-LRW5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LR-W5AM OSRAM-LR-W5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LA-E6SF OSRAM-LA-E6SF Datasheet
493Kb / 21P
   white PLCC-4 package, colorless clear silicone resin
LB-E6SG OSRAM-LB-E6SG Datasheet
604Kb / 21P
   white PLCC-4 package, colorless clear silicone resin
LT-E6SG OSRAM-LT-E6SG Datasheet
497Kb / 21P
   white PLCC-4 package, colorless clear silicone resin
LD-G5AP OSRAM-LD-G5AP Datasheet
606Kb / 18P
   white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
LDG5AP OSRAM-LDG5AP Datasheet
606Kb / 18P
   white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com