Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA-ETSF Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LA-ETSF
Description  white PLCC-4 package, colorless clear resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-ETSF Datasheet(HTML) 3 Page - OSRAM GmbH

  LA-ETSF Datasheet HTML 1Page - OSRAM GmbH LA-ETSF Datasheet HTML 2Page - OSRAM GmbH LA-ETSF Datasheet HTML 3Page - OSRAM GmbH LA-ETSF Datasheet HTML 4Page - OSRAM GmbH LA-ETSF Datasheet HTML 5Page - OSRAM GmbH LA-ETSF Datasheet HTML 6Page - OSRAM GmbH LA-ETSF Datasheet HTML 7Page - OSRAM GmbH LA-ETSF Datasheet HTML 8Page - OSRAM GmbH LA-ETSF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Version 1.3
LA ETSF
2017-04-28
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 110
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 110
°C
Junction temperature for short time applications *
Sperrschichttemperatur für Kurzzeitanwendung *
Tj
150
°C
Junction temperature
Sperrschichttemperatur
T
j
125
°C
Forward current
Durchlassstrom
(TS = 25 °C)
I
F
70
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
IFM
100
mA
Reverse voltage 2) page 20
Sperrspannung 2) Seite 20
(TS = 25 °C)
V
R
12
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM)
VESD
up to 2
kV
Note:
*The median lifetime (L70/B50) for Tj = 150°C is 100h.
Anm:
*Die mittlere Lebensdauer (L70/B50) bei Tj = 150°C beträgt 100h.


Similar Part No. - LA-ETSF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
   white PLCC-4 package, colorless clear resin
LA-E63B OSRAM-LA-E63B Datasheet
205Kb / 16P
   white P-LCC-4 package
LA-E63F OSRAM-LA-E63F Datasheet
594Kb / 22P
   white PLCC-4 package, colorless clear resin
LA-E65B OSRAM-LA-E65B Datasheet
532Kb / 20P
   white PLCC-4 package, colorless clear resin
LA-E65F OSRAM-LA-E65F Datasheet
189Kb / 13P
   white P-LCC-4 package, colorless clear resin
More results

Similar Description - LA-ETSF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-E63B OSRAM-LA-E63B Datasheet
381Kb / 21P
   white PLCC-4 package, colorless clear resin
LS-E67F OSRAM-LS-E67F Datasheet
439Kb / 20P
   white PLCC-4 package, colorless clear resin
LT-E63C OSRAM-LT-E63C Datasheet
647Kb / 22P
   white PLCC-4 package, colorless clear resin
LY-E65F OSRAM-LY-E65F Datasheet
548Kb / 21P
   white PLCC-4 package, colorless clear resin
LA-E65B OSRAM-LA-E65B Datasheet
532Kb / 20P
   white PLCC-4 package, colorless clear resin
LY-E65B OSRAM-LY-E65B Datasheet
534Kb / 20P
   white PLCC-4 package, colorless clear resin
LSG-T67K OSRAM-LSG-T67K Datasheet
550Kb / 18P
   white PLCC-4 package, colorless clear resin
LS-E63F OSRAM-LS-E63F Datasheet
378Kb / 22P
   white PLCC-4 package, colorless clear resin
LO-E67F OSRAM-LO-E67F Datasheet
445Kb / 20P
   white PLCC-4 package, colorless clear resin
LY-E67F OSRAM-LY-E67F Datasheet
475Kb / 20P
   white PLCC-4 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com