Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3005EUP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3005EUP
Description  1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3005EUP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3005EUP Datasheet HTML 6Page - Maxim Integrated Products MAX3005EUP Datasheet HTML 7Page - Maxim Integrated Products MAX3005EUP Datasheet HTML 8Page - Maxim Integrated Products MAX3005EUP Datasheet HTML 9Page - Maxim Integrated Products MAX3005EUP Datasheet HTML 10Page - Maxim Integrated Products MAX3005EUP Datasheet HTML 11Page - Maxim Integrated Products MAX3005EUP Datasheet HTML 12Page - Maxim Integrated Products MAX3005EUP Datasheet HTML 13Page - Maxim Integrated Products MAX3005EUP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
10
______________________________________________________________________________________
Pin Description
PIN
TSSOP
UCSP
NAME
FUNCTION
1
B1
I/O VL1
Input/Output 1, Referenced to VL
2
A1
VL
Logic Input Voltage, +1.2V
≤ VL ≤ VCC. Bypass VL to GND with a 0.1µF capacitor.
3
A2
I/O VL2
Input/Output 2, Referenced to VL
4
B2
I/O VL3
Input/Output 3, Referenced to VL
5
A3
I/O VL4
Input/Output 4, Referenced to VL
6
B3
I/O VL5
Input/Output 5, Referenced to VL
7
A4
I/O VL6
Input/Output 6, Referenced to VL
8
B4
I/O VL7
Input/Output 7, Referenced to VL
9
A5
I/O VL8
Input/Output 8, Referenced to VL
10
B5
EN
Enable Input. If EN is pulled low, I/O VCC1 to I/O VCC8 are in three-state, while
I/O VL1 to I/O VL8 have internal 6k
Ω pulldown resistors. Drive EN high (VL) for normal
operation.
11
C5
GND
Ground
12
D5
I/O VCC8
Input/Output 8, Referenced to VCC
13
C4
I/O VCC7
Input/Output 7, Referenced to VCC
14
D4
I/O VCC6
Input/Output 6, Referenced to VCC
15
C3
I/O VCC5
Input/Output 5, Referenced to VCC
16
D3
I/O VCC4
Input/Output 4, Referenced to VCC
17
C2
I/O VCC3
Input/Output 3, Referenced to VCC
18
D2
I/O VCC2
Input/Output 2, Referenced to VCC
19
D1
VCC
VCC Input Voltage, +1.65V
≤ VCC ≤ +5.5V. Bypass VCC to GND with a 0.1µF
capacitor.
20
C1
I/O VCC1
Input/Output 1, Referenced to VCC
MAX3000E/MAX3001E/MAX3002


Similar Part No. - MAX3005EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3005EUP MAXIM-MAX3005EUP Datasheet
216Kb / 25P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
More results

Similar Description - MAX3005EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3000E MAXIM-MAX3000E_08 Datasheet
216Kb / 25P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Rev 5; 8/08
logo
STMicroelectronics
MAX3013 STMICROELECTRONICS-MAX3013 Datasheet
438Kb / 17P
   1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
logo
Maxim Integrated Produc...
MAX13013 MAXIM-MAX13013 Datasheet
849Kb / 21P
   1.2V to 3.6V, 0.1uA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 1; 8/04
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
   1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
logo
Intersil Corporation
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E Datasheet
533Kb / 25P
   짹15kV ESD-Protected, 1關A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
19-2328; Rev 3; 9/03
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com