Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4313-3 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4313-3
Description  Dual I2C/SMBus Address Translator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4313-3 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4313-3 Datasheet HTML 4Page - Linear Technology LTC4313-3 Datasheet HTML 5Page - Linear Technology LTC4313-3 Datasheet HTML 6Page - Linear Technology LTC4313-3 Datasheet HTML 7Page - Linear Technology LTC4313-3 Datasheet HTML 8Page - Linear Technology LTC4313-3 Datasheet HTML 9Page - Linear Technology LTC4313-3 Datasheet HTML 10Page - Linear Technology LTC4313-3 Datasheet HTML 11Page - Linear Technology LTC4313-3 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4318
8
4318fa
For more information www.linear.com/LTC4318
operaTion
Figure 2 shows typical waveforms for the circuit on the
front page. In this example, the master transmits address
0x34 while the slave is configured to respond to address
0x36.TheresistivedividersattheXORLandXORHpinsare
configuredtogenerateanaddresstranslationbyteof0x02.
Note that in this example, the 8-bit hexadecimal address
format (with R/W = 0) is used. 7-bit addresses are also
commonly found in I2C device documentation. Make sure
to use the correct format when calculating the address
translation byte. Table 1 shows examples of both formats.
Figure 2. Basic Address Translation Waveforms
TRANSLATION
BYTE
SDAOUT
SCLIN
SDAIN
ADDRESS BITS
START
a6
a5
a4
a3
a2
a1
a0
0
1
1
0
1
0
0
0
0
0
0
0
1
0
0
0
0
0
1
1
0
1
1
0
= 0x34
= 0x02
= 0x36
4318 F02
N2 GATE N2 ON
N2 ON
N2 OFF
R/W
BIT
ACK
BIT
Table 1.
DESCRIPTION
BINARY ADDRESS
7-BIT HEX ADDRESS
WITHOUT R/W
8-BIT HEX ADDRESS
WITH R/W = 0
a6
a5
a4
a3
a2
a1
a0
R/W
Input Address from SDAIN
0
0
1
1
0
1
0
0
0x1A
0x34
Translation Byte
0
0
0
0
0
0
1
0
0x01
0x02
Output Address to SDAOUT
0
0
1
1
0
1
1
0
0x1B
0x36


Similar Part No. - LTC4313-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4313-3 LINER-LTC4313-3 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4313-3 LINER-LTC4313-3 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4313-3 LINER-LTC4313-3 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
LTC4313-3 LINER-LTC4313-3_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
More results

Similar Description - LTC4313-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4318 LINER-LTC4318_15 Datasheet
213Kb / 14P
   Dual I2C/SMBus Address Translator
LTC4317 LINER-LTC4317_15 Datasheet
214Kb / 14P
   Dual I2C/SMBus Address Translator
LTC4317 LINER-LTC4317 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
LTC4316 LINER-LTC4316 Datasheet
490Kb / 8P
   Single I2C/SMBus Address Translator
LTC4316 LINER-LTC4316_15 Datasheet
225Kb / 14P
   Single I2C/SMBus Address Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
   DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com