Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4365 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4365
Description  High Voltage Surge Stopper
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4365 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4365 Datasheet HTML 2Page - Linear Technology LTC4365 Datasheet HTML 3Page - Linear Technology LTC4365 Datasheet HTML 4Page - Linear Technology LTC4365 Datasheet HTML 5Page - Linear Technology LTC4365 Datasheet HTML 6Page - Linear Technology LTC4365 Datasheet HTML 7Page - Linear Technology LTC4365 Datasheet HTML 8Page - Linear Technology LTC4365 Datasheet HTML 9Page - Linear Technology LTC4365 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
6
VSS Current (Regulation AMP On)
vs Temperature
VDD Shunt Regulator vs
VDD Current
VDD Shunt Regulator vs
Temperature
VDD Start-Up Current vs
Temperature (Gate High)
OUT Shunt Regulator vs
OUT Current
OUT Shunt Regulator vs
Temperature
IVDD (mA)
0
13.0
12.5
12.0
11.5
5
436612 G01
10
15
20
TEMPERATURE (°C)
–50
13.0
11.0
50
0
100
25
–25
75
436612 G02
125
12.5
12.0
11.5
TEMPERATURE (°C)
15
12
9
6
3
436612 G03
–50
50
0
100
25
–25
75
125
IOUT (mA)
5.9
5.8
5.7
5.6
5.5
436612 G04
0
5
10
15
20
–50
50
0
100
25
–25
75
125
TEMPERATURE (°C)
7
6
5
4
436612 G05
TEMPERATURE (°C)
75
50
25
0
436612 G10
–50
50
0
100
25
–25
75
125
TYPICAL PERFORMANCE CHARACTERISTICS
VSS Current (Charge Pump On)
vs Temperature
Gate Drive vs Gate Pull-Up
Current
Gate Current (Charge Pump On)
vs Temperature
–40
–30
–20
–10
0
436612 G14
TEMPERATURE (°C)
–50
50
0
100
25
–25
75
125
TEMPERATURE (°C)
–300
–200
–100
0
436612 G11
–50
50
0
100
25
–25
75
125
IGATE (µA)
0
16
12
8
4
0
–10
–20
436612 G12
–30


Similar Part No. - LTC4365

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4365 LINER-LTC4365 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC4365 LINER-LTC4365 Datasheet
291Kb / 24P
   High Voltage Surge
logo
Analog Devices
LTC4365 AD-LTC4365 Datasheet
1Mb / 22P
   Micropower Hot Swap Controller
LTC4365 AD-LTC4365 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
LTC4365 AD-LTC4365 Datasheet
2Mb / 24P
   Low Quiescent Current Surge Stopper with 9m廓 MOSFET
More results

Similar Description - LTC4365

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366HTS8-1 LINER-LTC4366HTS8-1 Datasheet
461Kb / 6P
   Very High Voltage Surge Stopper
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
   Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4363-1 LINER-LT4363-1 Datasheet
399Kb / 8P
   High Voltage Surge Stopper with Current Limit
LT4363 LINER-LT4363_15 Datasheet
254Kb / 24P
   High Voltage Surge Stopper with Current Limit
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
   Surge Stopper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com