Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6082 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6082
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6082 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6082 Datasheet HTML 6Page - Linear Technology LTC6082 Datasheet HTML 7Page - Linear Technology LTC6082 Datasheet HTML 8Page - Linear Technology LTC6082 Datasheet HTML 9Page - Linear Technology LTC6082 Datasheet HTML 10Page - Linear Technology LTC6082 Datasheet HTML 11Page - Linear Technology LTC6082 Datasheet HTML 12Page - Linear Technology LTC6082 Datasheet HTML 13Page - Linear Technology LTC6082 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC6258/LTC6259/LTC6260
10
6258960fa
For more information www.linear.com/LTC6258
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Response
Small-Signal Response
Electromagnetic Interference
Rejection Ratio
Large-Signal Response
Supply Current vs SHDN Pin
Voltage
Supply Current vs SHDN Pin
Voltage
Large-Signal Response
Output Impedance vs Frequency
VS = ±2.5V
AV = 1
RLOAD = 100kΩ
10pF
100pF
1nF
10nF
100nF
TIME (µs)
0
200
400
600
800
1000
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
6258 G28
VS = ±2.5V
AV = 1
RLOAD = 100kΩ
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
CLOAD = 10nF
CLOAD = 100nF
TIME (µs)
0
200
400
600
800
1000
–50
–40
–30
–20
–10
0
10
20
30
40
50
6259 G30
VS = ±0.9V
AV = 1
RLOAD = 100kΩ
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
CLOAD = 10nF
CLOAD = 100nF
TIME (µs)
0
200
400
600
800
1000
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
6258 G30
VS = ±0.9V
AV = 1
RLOAD = 100kΩ
CLOAD = 10pF
CLOAD = 100pF
CLOAD = 1nF
CLOAD = 10nF
CLOAD = 100nF
TIME (µs)
0
200
400
600
800
1000
–50
–40
–30
–20
–10
0
10
20
30
40
50
6258 G31
VS = ±2.5V
VCM = 0V
AV = 10
AV = 1
FREQUENCY (kHz)
0.01
0.1
1
10
0.1
1
10
100
1k
10k
6258 G32
VS = 5V
VCM = 0.4V
TA = 125°C
TA = 25°C
TA = –40°C
VSHDN (V)
0
0.4
0.8
1.2
1.6
2
0
5
10
15
20
25
6258 G33
VS = 1.8V
VCM = 0.4V
TA = 125°C
TA = 25°C
TA = –40°C
VSHDN (V)
0
0.4
0.8
1.2
1.6
2
0
5
10
15
20
25
6258 G34
VS = 2.5V
VCM = 0V
INPUT POWER = –10dBm
+IN
–IN
FREQUENCY (MHz)
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
6258 G35


Similar Part No. - LTC6082

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6082 LINER-LTC6082 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6082CDD- LINER-LTC6082CDD- Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
LTC6082CDD-PBF LINER-LTC6082CDD-PBF Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
LTC6082CDD-TR LINER-LTC6082CDD-TR Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
LTC6082CDD-TRPBF LINER-LTC6082CDD-TRPBF Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
More results

Similar Description - LTC6082

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
489Kb / 24P
   6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com