Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4313-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4313-2
Description  2-Wire Bus Buffer with High Noise Margin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4313-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4313-2 Datasheet HTML 5Page - Linear Technology LTC4313-2 Datasheet HTML 6Page - Linear Technology LTC4313-2 Datasheet HTML 7Page - Linear Technology LTC4313-2 Datasheet HTML 8Page - Linear Technology LTC4313-2 Datasheet HTML 9Page - Linear Technology LTC4313-2 Datasheet HTML 10Page - Linear Technology LTC4313-2 Datasheet HTML 11Page - Linear Technology LTC4313-2 Datasheet HTML 12Page - Linear Technology LTC4313-2 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC4315
9
4315f
The LTC4315 provides capacitance buffering, data and
clock Hot Swap capability and level translation of I2C signals
on its clock and data pins. The high noise margin of the
LTC4315 permits interoperability with I2C devices that drive
a high VOL,permitsseriesconnectionofmultipleLTC4315s
and provides improved I2C communication reliability.
The LTC4315 isolates backplane and card capacitances,
provides slew limited acceleration of rising edges and slew
control of falling edges while level translating 1.5V, 1.8V,
2.5V, 3.3V and 5V busses. These features are illustrated
in the following subsections.
RISE TIME ACCELERATOR (RTA) PULL-UP CURRENT
STRENGTH
After an input to output connection has been established
the RTAs on both the input and output sides of the SDA
and SCL busses are activated based on the state of the
ACC pin and the VCC2 supply voltage. During positive bus
transitions of at least 0.4V/μs, the RTAs provide pull-up
currents to reduce rise time. Enabling the RTAs allows
users to choose larger bus pull-up resistors to reduce
power consumption and improve logic low noise margins,
to design with bus capacitances outside of the I2C speci-
fication and to operate at a higher clock frequency. The
function of the ACC pin in setting IRTA is summarized in
Table 1. In the strong mode (ACC low) the acceleration is
slew limited to a maximum bus rise rate of 75V/μs. The
strong mode current is therefore directly proportional to
the bus capacitance. The LTC4315 is capable of sourcing
up to 40mA of current in the strong mode. If ACC is left
open, rise time acceleration is provided by a 2.5mA pull up.
TABLE 1: ACC Control of the RTA Current IRTA
ACC
IRTA
Low
Strong
Hi-Z
2.5mA
High
None
The ACC pin has a resistive divider between VCCandground
to set its voltage to 0.5 • VCC if left open.
APPLICATIONS INFORMATION
Figures 1 and 2 show the rising waveforms of heavily
loaded SDAIN and SDAOUT busses with the ACC pin set for
strong mode and 2.5mA current source mode respectively.
In both figures, during a rising edge, the buffers are active
and the input and output sides connected, until the bus
voltages on both the input and output sides are greater than
0.33 • VMIN, where VMIN is the lower of the VCC and VCC2
voltages. When each individual bus voltage rises above
0.41 • VMIN, the RTA on that bus turns on. The effect of the
acceleration strength is shown in the SDA waveforms in
Figures 1 and 2 for identical bus loads. The RTAs supply
10mA and 2.5mA of pull-up current IRTA in the strong and
current source modes respectively for the bus conditions
shown in Figures 1 and 2. For identical bus loads, the bus
rises faster in Figure 1 compared to Figure 2 because of
the higher IRTA.
Figure 1. Bus Rising Edge for the Strong Acceleration Mode.
VCC = VCC2 = 5V
Figure 2. Bus Rising Edge for the Current Source
Acceleration Mode. VCC = VCC2 = 5V
2V/DIV
1μs/DIV
4315 F01
VCC = VCC2 = 5V
RBUS = 20k
CIN = COUT = 200pF
ACC = 0V
SDAIN
SDAOUT
2V/DIV
1μs/DIV
4315 F02
VCC = VCC2 = 5V
RBUS = 20k
CIN = COUT = 200pF
ACC = OPEN
SDAIN
SDAOUT


Similar Part No. - LTC4313-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4313-2 LINER-LTC4313-2 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4313-2 LINER-LTC4313-2 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
LTC4313-2 LINER-LTC4313-2 Datasheet
224Kb / 16P
   Dual I2C/SMBus Address Translator
LTC4313-2 LINER-LTC4313-2_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
More results

Similar Description - LTC4313-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4315 LINER-LTC4315_15 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4313-1 LINER-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Dimensions Semic...
LTC4313-1 LINEAR_DIMENSIONS-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4313-2 LINER-LTC4313-2_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4313-3 LINER-LTC4313-3_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
IK Semicon Co., Ltd
IW4002B IKSEMICON-IW4002B Datasheet
155Kb / 5P
   Noise margin
IW4011B IKSEMICON-IW4011B Datasheet
156Kb / 5P
   Noise margin
IW4012B IKSEMICON-IW4012B Datasheet
155Kb / 5P
   Noise margin
logo
NXP Semiconductors
PCA9605 NXP-PCA9605 Datasheet
414Kb / 22P
   Simple 2-wire bus buffer
Rev. 1-28 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com