Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4311 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4311
Description  Dual I2C/SMBus Address Translator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4311 Datasheet(HTML) 5 Page - Linear Technology

  LTC4311 Datasheet HTML 1Page - Linear Technology LTC4311 Datasheet HTML 2Page - Linear Technology LTC4311 Datasheet HTML 3Page - Linear Technology LTC4311 Datasheet HTML 4Page - Linear Technology LTC4311 Datasheet HTML 5Page - Linear Technology LTC4311 Datasheet HTML 6Page - Linear Technology LTC4311 Datasheet HTML 7Page - Linear Technology LTC4311 Datasheet HTML 8Page - Linear Technology LTC4311 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4317
5
4317fa
For more information www.linear.com/LTC4317
Typical perForMance characTerisTics
SDAOUT Fall Delay vs Bus
Capacitance
SDAOUT Fall Time vs
Temperature
SDAOUT Fall Time vs Bus
Capacitance
TA = 25°C, VCC = 3.3V unless otherwise noted.
pin FuncTions
XORL1/XORL2: Translator XOR Lower Nibble Configura-
tion Input. The DC voltage at this pin configures the lower
4-bit nibble of the address translation byte. Tie the pin to
an external resistive divider connected between VCC and
GND to set the desired DC voltage.
XORH1/XORH2: Translator XOR Upper Nibble Configura-
tion Input. The DC voltage at this pin configures the upper
3-bit nibble of the address translation byte. Tie the pin to
an external resistive divider connected between VCC and
GND to set the desired DC voltage. Connect this pin to VCC
to activate pass-through mode. See Application Informa-
tion section for more details.
ENABLE1/ENABLE2: Enable Input. If ENABLE pin is low,
the address translation is disabled, SDAIN is disconnected
from SDAOUT, and SCLIN is disconnected from SCLOUT.
A low to high transition on ENABLE restarts the configura-
tion of the address translation byte and also enables the
address translation. Connect to VCC if unused.
Exposed Pad: Exposed pad may be left open or connected
to device GND.
GND: Device Ground.
READY1/READY2: Ready Status Output. This is an open
drain output to indicate that the device is ready for address
translation. The pin releases high when the LTC4317 has
completed configuration of the address translation byte,
SDAIN is connected to SDAOUT and SCLIN is connected to
SCLOUT.Connectapull-upresistor,typically10k,fromthispin
to the bus pull-up supply. Leave open or tie to GND if unused.
SCLIN: Input Bus Clock Input and Output. Connect this
pin to the SCL line on the master side. An external pull-up
resistor or current source is required.
SCLOUT1/SCLOUT2: Output Bus Clock Input and Output.
ConnectthispintotheSCLlineontheslaveside.Anexternal
pull-up resistor or current source is required. Connect to
VCC through a pull-up resistor if unused.
SDAIN: Input Bus Data Input and Output. Connect this pin
to the SDA line on the master side. An external pull-up
resistor or current source is required.
SDAOUT1/SDAOUT2: Output Bus Data Input and Output.
Connect this pin to the SDA line on the slave side. An
external pull-up resistor or current source is required.
Connect to VCC through a pull-up resistor if unused.
VCC: Power Supply Input (2.25V to 5.5V). If the supply
voltages for the input and output buses are different, con-
nect this pin to the lower supply. If the input and output
supplies have the same nominal value and with tolerance
less than or equal to ±10%, connect VCC to either supply.
Bypass with at least 0.1µF to GND.
CBUS (pF)
0
300
250
275
150
200
175
225
125
100
200
600
400
800
4317 G07
1000
VCC = 3.3V
VCC = 5V
VCC = 2.25V
TEMPERATURE (°C)
–50
120
100
60
80
40
20
0
50
–25
25
75
4317 G08
100
C = 100pF
VCC = 5V
VCC = 2.25V
VCC = 3.3V
CBUS (pF)
0
120
100
60
80
40
20
200
600
400
800
4317 G09
1000
VCC = 5V
VCC = 2.25V
VCC = 3.3V


Similar Part No. - LTC4311

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4311 LINER-LTC4311 Datasheet
139Kb / 12P
   Low Voltage I2C/SMBus Accelerator
LTC4311 LINER-LTC4311 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4311 LINER-LTC4311 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
336Kb / 32P
   8-Port PoE/PoE PSE Controller
More results

Similar Description - LTC4311

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4318 LINER-LTC4318 Datasheet
224Kb / 16P
   Dual I2C/SMBus Address Translator
LTC4318 LINER-LTC4318_15 Datasheet
213Kb / 14P
   Dual I2C/SMBus Address Translator
LTC4317 LINER-LTC4317_15 Datasheet
214Kb / 14P
   Dual I2C/SMBus Address Translator
LTC4316 LINER-LTC4316 Datasheet
490Kb / 8P
   Single I2C/SMBus Address Translator
LTC4316 LINER-LTC4316_15 Datasheet
225Kb / 14P
   Single I2C/SMBus Address Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
   DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com