Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S34ML08G1 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # S34ML08G1
Description  8 Gb, 1-bit ECC, x8 I/O, 3 V, VCC NAND Flash Memory for Embedded
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34ML08G1 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button S34ML08G1 Datasheet HTML 8Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 9Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 10Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 11Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 12Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 13Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 14Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 15Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Document Number: 002-00483 Rev. *J
Page 12 of 20
S34ML08G1
Note:
1. O” Stands for Optional, “M” for Mandatory.
8. Electrical Characteristics
8.1
Valid Blocks
Note:
1. Each 4 Gb has maximum 80 bad blocks.
8.2
Recommended Operating Conditions
131-132
O
Program cache timing mode support
6-15
Reserved (0)
5
1 = supports timing mode 5
4
1 = supports timing mode 4
3
1 = supports timing mode 3
2
1 = supports timing mode 2
1
1 = supports timing mode 1
0
1 = supports timing mode 0
1Fh, 00h
133-134
M
tPROG Maximum page program time (µs)
BCh, 02h
135-136
M
tBERS Maximum block erase time (µs)
10h, 27h
137-138
M
tR Maximum page read time (µs)
19h, 00h
139-140
M
tCCS Minimum Change Column setup time (ns)
64h, 00h
141-163
Reserved (0)
00h
Vendor Block
164-165
M
Vendor specific Revision number
00h
166-253
Vendor specific
00h
254-255
M
Integrity CRC
7Bh, 09h
Redundant Parameter Pages
256-511
M
Value of bytes 0-255
Repeat Value of bytes 0-255
512-767
M
Value of bytes 0-255
Repeat Value of bytes 0-255
768+
O
Additional redundant parameter pages
FFh
Table 8.1 Valid Blocks — 4 Gb
Device
Symbol
Min
Typ
Max
Unit
S34ML04G1
NVB
4016
4096
Blocks
S34ML08G1
NVB
8032 (1)
8192
Blocks
Table 8.2 Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Vcc Supply Voltage
Vcc
2.7
3.3
3.6
V
Ground Supply Voltage
Vss
0
0
0
V
Table 7.3 Parameter Page Description (Sheet 3 of 3)
Byte
O/M
Description
Values


Similar Part No. - S34ML08G1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML08G2 CYPRESS-S34ML08G2 Datasheet
529Kb / 16P
   8 Gb, 4-bit ECC, x8 I/O and 3 V VCC NAND Flash Memory for Embedded
More results

Similar Description - S34ML08G1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML08G2 CYPRESS-S34ML08G2 Datasheet
529Kb / 16P
   8 Gb, 4-bit ECC, x8 I/O and 3 V VCC NAND Flash Memory for Embedded
S34MS08G2 CYPRESS-S34MS08G2 Datasheet
403Kb / 17P
   8 Gb, 4-Bit ECC, x8 I/O and 1.8 V VCC NAND Flash Memory for Embedded
S34MS01G1 CYPRESS-S34MS01G1 Datasheet
1Mb / 71P
   1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
S34MS16G2 CYPRESS-S34MS16G2 Datasheet
647Kb / 17P
   16 Gb, 4-Bit ECC, 횞8 I/O, and 1.8 V VCC NAND Flash for Embedded
S34ML16G2 CYPRESS-S34ML16G2 Datasheet
440Kb / 18P
   16-Gbit, 4-Bit ECC, 횞8 I/O, 3 V VCC NAND Flash for Embedded
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
   1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
logo
SPANSION
S34ML01G200TFI000 SPANSION-S34ML01G200TFI000 Datasheet
2Mb / 68P
   1 Gb, 2 Gb, 4 Gb Densities: 4-bit ECC, x8 I/O and 3V VCC
logo
Cypress Semiconductor
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
logo
SPANSION
S34ML01G1 SPANSION-S34ML01G1 Datasheet
2Mb / 73P
   Spansion짰 SLC NAND Flash Memory for Embedded
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com