Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S34ML08G1 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # S34ML08G1
Description  8 Gb, 1-bit ECC, x8 I/O, 3 V, VCC NAND Flash Memory for Embedded
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34ML08G1 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button S34ML08G1 Datasheet HTML 6Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 7Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 8Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 9Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 10Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 11Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 12Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 13Page - Cypress Semiconductor S34ML08G1 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Document Number: 002-00483 Rev. *J
Page 10 of 20
S34ML08G1
5th ID Data
7.1
Read Parameter Page
The device supports the ONFI Read Parameter Page operation, initiated by writing ECh to the command register, followed by an
address input of 00h. The command register remains in Parameter Page mode until further commands are issued to it. Table 7.3
explains the parameter fields.
Note: For 41nm 2Gb/4Gb Cypress NAND, for a particular condition, the Read Parameter Page command does not give the correct
values. To overcome this issue, the host must issue a Reset command before the Read Parameter Page command. Issuance of
Reset before the Read Parameter Page command will provide the correct values and will not output 00h values. This does not apply
to 48nm 1Gb.
Table 7.2 Read ID Byte 5 Description — S34ML04G1
Description
I/O7
I/O6 I/O5 I/O4
I/O3 I/O2
I/O1
I/O0
Plane Number
1
2
4
8
0 0
0 1
1 0
1 1
Plane Size
(without spare area)
64 Mb
128 Mb
256 Mb
512 Mb
1 Gb
2 Gb
4 Gb
8 Gb
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
Reserved
0
0
0
Table 7.3 Parameter Page Description (Sheet 1 of 3)
Byte
O/M
Description
Values
Revision Information and Features Block
0-3
M
Parameter page signature
Byte 0: 4Fh, “O”
Byte 1: 4Eh, “N”
Byte 2: 46h, “F”
Byte 3: 49h, “I”
4Fh, 4Eh, 46h, 49h
4-5
M
Revision number
2-15
Reserved (0)
1
1 = supports ONFI version 1.0
0
Reserved (0)
02h, 00h
6-7
M
Features supported
5-15
Reserved (0)
4
1 = supports odd to even page Copyback
3
1 = supports interleaved operations
2
1 = supports non-sequential page programming
1
1 = supports multiple LUN operations
0
1 = supports 16-bit data bus width
1Eh, 00h
8-9
M
Optional commands supported
6-15
Reserved (0)
5
1 = supports Read Unique ID
4
1 = supports Copyback
3
1 = supports Read Status Enhanced
2
1 = supports Get Features and Set Features
1
1 = supports Read Cache commands
0
1 = supports Page Cache Program command
1Bh, 00h
10-31
Reserved (0)
00h


Similar Part No. - S34ML08G1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML08G2 CYPRESS-S34ML08G2 Datasheet
529Kb / 16P
   8 Gb, 4-bit ECC, x8 I/O and 3 V VCC NAND Flash Memory for Embedded
More results

Similar Description - S34ML08G1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML08G2 CYPRESS-S34ML08G2 Datasheet
529Kb / 16P
   8 Gb, 4-bit ECC, x8 I/O and 3 V VCC NAND Flash Memory for Embedded
S34MS08G2 CYPRESS-S34MS08G2 Datasheet
403Kb / 17P
   8 Gb, 4-Bit ECC, x8 I/O and 1.8 V VCC NAND Flash Memory for Embedded
S34MS01G1 CYPRESS-S34MS01G1 Datasheet
1Mb / 71P
   1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
S34MS16G2 CYPRESS-S34MS16G2 Datasheet
647Kb / 17P
   16 Gb, 4-Bit ECC, 횞8 I/O, and 1.8 V VCC NAND Flash for Embedded
S34ML16G2 CYPRESS-S34ML16G2 Datasheet
440Kb / 18P
   16-Gbit, 4-Bit ECC, 횞8 I/O, 3 V VCC NAND Flash for Embedded
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
   1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
logo
SPANSION
S34ML01G200TFI000 SPANSION-S34ML01G200TFI000 Datasheet
2Mb / 68P
   1 Gb, 2 Gb, 4 Gb Densities: 4-bit ECC, x8 I/O and 3V VCC
logo
Cypress Semiconductor
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
logo
SPANSION
S34ML01G1 SPANSION-S34ML01G1 Datasheet
2Mb / 73P
   Spansion짰 SLC NAND Flash Memory for Embedded
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com