Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6255 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6255
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6255 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6255 Datasheet HTML 12Page - Linear Technology LTC6255 Datasheet HTML 13Page - Linear Technology LTC6255 Datasheet HTML 14Page - Linear Technology LTC6255 Datasheet HTML 15Page - Linear Technology LTC6255 Datasheet HTML 16Page - Linear Technology LTC6255 Datasheet HTML 17Page - Linear Technology LTC6255 Datasheet HTML 18Page - Linear Technology LTC6255 Datasheet HTML 19Page - Linear Technology LTC6255 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC6258/LTC6259/LTC6260
16
6258960fa
For more information www.linear.com/LTC6258
Figure 4b. Low Power Sine Generator
Figure 4c. FFT
Figure 4a. Low Power Squarewave - Sinewave Oscillator
APPLICATIONS INFORMATION
Low Power Sine Wave Generator
Alowpowersinewavegeneratorcanbederivedbydrivinga
squarewaveintothebandpassfilter.Acompleteschematic
is shown in Figure 4a. The LTC6992-1 easily configures
as a 50% duty cycle 10kHz square wave, and can drive
the relatively benign loading seen in the bandpass filter.
Figures4band4cshowtheLTC6992-1outputandbandpass
filter output. THD of the sine wave is –30.5 dBc. Note, even
harmonics that appear in the distortion products of the
filtered output already appear in the source square wave.
Low Noise Reference
The LT6656 is a 1µA precision series voltage reference.
Yet with low power comes low drive current capability
and higher noise. The LTC6259 can be used as a buf-
fer that follows a filter to enhance the utilization of the
LT6656 in low power applications. Figure 5a shows such
a configuration. First a very low cutoff frequency follows
the LT6656 output (RIN1 and CIN1, lower than 5Hz cutoff).
Choice of filter resistor RIN1 is such that the bias current in
the LTC6259, multiplied by the resistance value, is lower
than the nominal offset voltage of the op amp. CIN1 can
be larger or smaller, with more or less filtering accord-
ingly. The voltage withstanding requirement of CIN1 is low,
resulting in large capacitance in a small volume.
V+
V+
4.7nF
4.7nF
21k
4.7nF
154k
182k
976k
0.1µF
154k
562
499k
6258 F04a
499k
1µF
10k
10k
MOD
LTC6992-1
GND
SET
OUT
V+
DIV
OUT
0.1µF
LT6258
+
V+
50µs/Div
0
1.0
2.0
3.0
4.0
5.0
6258 F04b
FILTERED OUTPUT
SQUARE WAVE
FREQUENCY (kHz)
0 10 20 30 40 50 60 70 80 90 100
–120
–100
–80
–60
–40
–20
0
20
6258 F04c


Similar Part No. - LTC6255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6255 LINER-LTC6255 Datasheet
489Kb / 24P
   6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6255 LINER-LTC6255 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255CS6-TRMPBF LINER-LTC6255CS6-TRMPBF Datasheet
489Kb / 24P
   6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6255

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
489Kb / 24P
   6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com