Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6255 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6255
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6255 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6255 Datasheet HTML 2Page - Linear Technology LTC6255 Datasheet HTML 3Page - Linear Technology LTC6255 Datasheet HTML 4Page - Linear Technology LTC6255 Datasheet HTML 5Page - Linear Technology LTC6255 Datasheet HTML 6Page - Linear Technology LTC6255 Datasheet HTML 7Page - Linear Technology LTC6255 Datasheet HTML 8Page - Linear Technology LTC6255 Datasheet HTML 9Page - Linear Technology LTC6255 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC6258/LTC6259/LTC6260
6
6258960fa
For more information www.linear.com/LTC6258
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes as well as ESD
protection diodes to each power supply. If the differential input voltage
exceeds 1.4V or the input extends more than 500mV beyond the power
supply, the input current should be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: LTC6258I/LTC6259I/LTC6260I and LTC6258H/LTC6259H/
LTC6260H are guaranteed functional over the temperature range of
–40°C to 125°C.
1.8V ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VSUPPLY = 1.8V, VCM = VOUT = 0.4V, CL = 10pF, VSHDN is
unconnected.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
Output Swing High (Input Overdrive 30mV),
Measured from V+
No Load
l
25
40
50
mV
mV
ISOURCE = 100µA
l
35
60
100
mV
mV
ISOURCE = 1mA
l
95
140
300
mV
mV
ISC
Output Short-Circuit Current
l
4
1
10
mA
mA
IS
Supply Current per Amplifier
l
17
10
20
21
23
µA
µA
Supply Current in Shutdown
l
1.0
1.5
2
µA
µA
ISHDN
Shutdown Pin Current
VSHDN = 0.5V
VSHDN = 1.5V
l
l
50
0
80
10
nA
nA
VIL
SHDN Input Low Voltage
Disable
l
0.5
V
VIH
SHDN Input High Voltage
Enable
l
1.5
V
tON
Turn-On Time
SHDN Toggle From 0V to 1.8V
47
µs
tOFF
Turn-Off Time
SHDN Toggle From 1.8V to 0V
17
µs
GBW
Gain-Bandwidth Product
f = 10kHz
l
1.0
0.4
1.3
MHz
MHz
TS
Settling Time, 0.3V to 1.5V, Unity Gain
0.1%
0.01%
7
12
µs
µs
SR
Slew Rate
AV = –1, VOUT = 0.3V to 1.5V, CLOAD = 10pF
RF = RG = 10kΩ
l
0.16
0.1
0.22
V/µs
V/µs
FPBW
Full Power Bandwidth (Note 8)
1.2VP-P
58
kHz
THD+N
Total Harmonic Distortion and Noise
f = 500Hz, AV = 2, RL = 4kΩ, VOUTP-P = 1V
VIN = 0.65V to 0.15V
0.04
68
%
dB
Note 5: The LTC6258I/LTC6259I/LTC6260I are guaranteed to meet
specified performance from –40°C to 85°C. The LTC6258H/LTC6259H/
LTC6260H are guaranteed to meet specified performance from –40°C to
125°C.
Note 6: Thermal resistance varies with the amount of PC board metal
connected to the package. The specified values are for short traces
connected to the leads.
Note 7: The input bias current is the average of the currents into the
positive and negative input pins.
Note 8: Full power bandwidth is calculated from the slew rate FPBW =
SR/π • VP-P.


Similar Part No. - LTC6255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6255 LINER-LTC6255 Datasheet
489Kb / 24P
   6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6255 LINER-LTC6255 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255CS6-TRMPBF LINER-LTC6255CS6-TRMPBF Datasheet
489Kb / 24P
   6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6255

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
489Kb / 24P
   6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com