Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4307-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4307-1
Description  Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC4307-1 Datasheet HTML 1Page - Linear Technology LTC4307-1 Datasheet HTML 2Page - Linear Technology LTC4307-1 Datasheet HTML 3Page - Linear Technology LTC4307-1 Datasheet HTML 4Page - Linear Technology LTC4307-1 Datasheet HTML 5Page - Linear Technology LTC4307-1 Datasheet HTML 6Page - Linear Technology LTC4307-1 Datasheet HTML 7Page - Linear Technology LTC4307-1 Datasheet HTML 8Page - Linear Technology LTC4307-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4312
5
4312f
TYPICAL PERFORMANCE CHARACTERISTICS
Rise Time Accelerator Current
vs Temperature
Buffer High to Low Propagation
Delay vs Output Capacitance
Input to Output Offset Voltage
vs Bus Current for Different Driven
Input Voltage Levels
Output to Input Offset Voltage
vs Bus Current for Different
Driven Output Voltage Levels
ICC Enabled Current
vs Supply Voltage
ICC Disabled (ENABLE1-2 Low)
Current vs Supply Voltage
Multiplexer Switch Resistance
RMUX vs Temperature
TA = 25°C, VCC = 3.3V unless otherwise noted.
Buffer DC IOL vs Temperature
TEMPERATURE (°C)
–50
10
5
6
7
8
9
4
50
0
4312 G03
100
25
–25
75
VCC2 = 3.3V
VCC2 = 5V
IDS = 4mA
CBUS (pF)
0
250
50
100
150
200
0
500
4312 G05
1500
1000
VCC = VCC2 = VDD, BUS = 5V
RBUS = 2.7kΩ
VCC (V)
2
8.0
7.5
7.0
6.5
3
4312 G01
6
45
VSDAIN, SCLIN = 0V
VCC (V)
2
3.0
2.5
1.5
2.0
1.0
3
4312 G02
6
45
VSDAIN, SCLIN = 0V
TEMPERATURE (°C)
–50
10
5
6
7
8
9
4
50
0
4312 G04
125
25
–25
75
100
VSDAIN,SCLIN = 0.4V
VSDAOUT,SCLOUT = 0.4V
VCC = VCC2 = 3.3V
IBUS (mA)
0
350
100
50
150
200
300
250
0
2
4312 G06
6
4
≥200mV
100mV
DRIVEN VSDAIN,SCLIN = 50mV
VCC = VCC2 = VDD, BUS = 5V
IBUS (mA)
0
350
100
50
150
200
300
250
0
2
4312 G07
6
4
100mV
≥ 200mV
DRIVEN VSDAOUT, SCLOUT = 50mV
VCC = VCC2 = VDD, BUS = 5V
tRISE(30%–70%) vs CBUS
CBUS (pF)
0
150
125
100
75
25
50
0
400
4312 G09
800
200
600
5V
3.3V
VCC = VCC2 = VDD, BUS
ACC = 0V
TEMPERATURE (°C)
–50
16
14
12
10
8
6
0
4312 G08
100
–25
25
50
75
3.3V
VCC = VCC2 = VDD, BUS
VSDA,SCL
VDD,BUS
ACC = 0V
CBUS = 400pF
RBUS = 10k
5V


Similar Part No. - LTC4307-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4307-1 LINER-LTC4307-1 Datasheet
171Kb / 12P
   High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
LTC4307-1 LINER-LTC4307-1 Datasheet
168Kb / 12P
   High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
LTC4307-1 LINER-LTC4307-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4307-1 LINER-LTC4307-1 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4307-1 LINER-LTC4307-1 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
More results

Similar Description - LTC4307-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4312 LINER-LTC4312_15 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314_15 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4305CDHD LINER-LTC4305CDHD Datasheet
213Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4302-2 LINER-LTC4302-2_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1 Datasheet
293Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4306 LINER-LTC4306 Datasheet
268Kb / 20P
   4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com