Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4305 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4305
Description  Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4305 Datasheet(HTML) 1 Page - Linear Technology

  LTC4305 Datasheet HTML 1Page - Linear Technology LTC4305 Datasheet HTML 2Page - Linear Technology LTC4305 Datasheet HTML 3Page - Linear Technology LTC4305 Datasheet HTML 4Page - Linear Technology LTC4305 Datasheet HTML 5Page - Linear Technology LTC4305 Datasheet HTML 6Page - Linear Technology LTC4305 Datasheet HTML 7Page - Linear Technology LTC4305 Datasheet HTML 8Page - Linear Technology LTC4305 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4312
1
4312f
TYPICAL APPLICATION
DESCRIPTION
Pin-Selectable, 2-Channel,
2-Wire Multiplexer
with Bus Buffers
The LTC®4312 is a hot-swappable 2-channel 2-wire bus
multiplexer that allows one upstream bus to connect to
any combination of downstream busses or channels.
An individual enable pin controls each connection. The
LTC4312 provides bidirectional buffering, keeping the up-
stream bus capacitance isolated from the downstream bus
capacitances. The high noise margin allows the LTC4312
to be interoperable with I2C devices that drive a high VOL
(> 0.4V). The LTC4312 supports level translation between
1.5V, 1.8V, 2.5V, 3.3V and 5V busses. The hot-swappable
nature of the LTC4312 allows I/O card insertion into, and
removal from, a live backplane without corruption of the
data and clock busses.
If both data and clock are not simultaneously high at
least once in 45ms and DISCEN is high, a FAULT signal is
generated indicating a stuck bus low condition, the input
is disconnected from each enabled output channel and up
to 16 clocks are generated on the enabled downstream
busses. A three state ACC pin enables input and output
side rise time accelerators of varying strengths and sets
the VIL,RISING voltage.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. Hot Swap is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents, including
6356140, 6650174, 7032051, 7478286.
FEATURES
APPLICATIONS
n 1:2 Multiplexer/Switch for 2-Wire Bus
n Bidirectional Buffer for SDA and SCL Lines
n High Noise Margin with VIL = 0.3•VCC
n ENABLE Pins Connect SDA and SCL Lines
n Selectable Rise Time Accelerator Current and
Activation Voltage
n Level Shift 1.5V, 1.8V, 2.5V, 3.3V and 5V Busses
n Prevents SDA and SCL Corruption During Live Board
Insertion and Removal from Backplane
n Stuck Bus Disconnect and Recovery
n Compatible with I2C, I2C Fast Mode and SMBus
n ±4kV Human Body Model (HBM) ESD Ruggedness
n 14-Lead 4mm × 3mm DFN and 16-Lead MSOP
Packages
n Telecommunications Systems Including ATCA
n Address Expansion
n Level Translator
n Capacitance Buffers/Bus Extender
n Live Board Insertion
n PMBus
Rising Edge from Asserted Low
with Level Translation
LTC4312
GND
VCC
VCC2
4314 TA01a
SCLOUT1
SDAOUT1
SCLOUT2
SDAOUT2
SCLOUT1
SDAOUT1
SCLOUT2
SDAOUT2
SCLIN
SDAIN
ENABLE1
ENABLE2
ACC
DISCEN
FAULT
SCLIN
SDAIN
ENABLE1
ENABLE2
3.3V
10k
FAULT
10k
10k
0.01μF
3.3V
3.3V
10k
10k
5V
10k
10k
0.01μF
200ns/DIV
4312 TA01b
CSCLOUT1 + CSCLOUT2 = 100pF
CSCLIN = 50pF
SCLOUT2
SCLOUT1
SCLIN
0V
6V
5V
3.3V


Similar Part No. - LTC4305

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
213Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with
LTC4305 LINER-LTC4305 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4305 LINER-LTC4305 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4305 LINER-LTC4305 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
More results

Similar Description - LTC4305

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4312 LINER-LTC4312_15 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314_15 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4305CDHD LINER-LTC4305CDHD Datasheet
213Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4302-2 LINER-LTC4302-2_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1 Datasheet
293Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4306 LINER-LTC4306 Datasheet
268Kb / 20P
   4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com