Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVHFC0300HS-00A Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # EVHFC0300HS-00A
Description  Variable Off Time Controller EV Board
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EVHFC0300HS-00A Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button EVHFC0300HS-00A Datasheet HTML 3Page - Monolithic Power Systems EVHFC0300HS-00A Datasheet HTML 4Page - Monolithic Power Systems EVHFC0300HS-00A Datasheet HTML 5Page - Monolithic Power Systems EVHFC0300HS-00A Datasheet HTML 6Page - Monolithic Power Systems EVHFC0300HS-00A Datasheet HTML 7Page - Monolithic Power Systems EVHFC0300HS-00A Datasheet HTML 8Page - Monolithic Power Systems EVHFC0300HS-00A Datasheet HTML 9Page - Monolithic Power Systems EVHFC0300HS-00A Datasheet HTML 10Page - Monolithic Power Systems EVHFC0300HS-00A Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EVHFC0300HS-00A – VARIABLE OFF TIME CONTROLLER EV BOARD
EVHFC0300HS-00A Rev.1.01
www.MonolithicPower.com
7
12/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 230VAC, VOUT = 12V, L = 375µH, TA = 23ºC, unless otherwise noted.
82
83
84
85
86
87
25%
50%
75%
100%
0
10
20
30
40
50
60
70
80
90
85
115 145 175 205 235 265
Efficiency
No load Power consumption


Similar Part No. - EVHFC0300HS-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EVHFC0310-S-00A MPS-EVHFC0310-S-00A Datasheet
464Kb / 10P
   Fixed-Frequency Flyback Converter EV Board
More results

Similar Description - EVHFC0300HS-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
HFC0300 MPS-HFC0300 Datasheet
442Kb / 21P
   Variable Off Time Controller
logo
ON Semiconductor
NCP1351 ONSEMI-NCP1351 Datasheet
214Kb / 19P
   Variable Off Time PWM Controller
November, 2006 ??Rev. P2
NCP1351DPG ONSEMI-NCP1351DPG Datasheet
532Kb / 27P
   Variable Off Time PWM Controller
November, 2007 - Rev. 3
NCP1215A ONSEMI-NCP1215A Datasheet
151Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
September, 2005 ??Rev. 2
NCP1215 ONSEMI-NCP1215 Datasheet
148Kb / 16P
   Low Cost Variable OFF Time Switched Mode Power Supply Controller
October, 2004 ??Rev. 2
logo
Monolithic Power System...
EVHFC0500-S-00A MPS-EVHFC0500-S-00A Datasheet
1,017Kb / 13P
   Full Features Controller EV Board
EV3900DK-00F MPS-EV3900DK-00F Datasheet
188Kb / 4P
   High Efficiency Boost Controller EV Board
logo
ON Semiconductor
NCL30105 ONSEMI-NCL30105 Datasheet
623Kb / 22P
   Constant Off Time PWM Current-Mode Controller
May, 2012 ??Rev. 2
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
EV3910A-S-00A MPS-EV3910A-S-00A Datasheet
336Kb / 7P
   Peak Current Mode PWM Controller Boost EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com