Electronic Components Datasheet Search |
|
NSA3528F Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO |
|
NSA3528F Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO |
|
1 / 1 page Crystal Oscillator ■ Specification Number Frequency (MHz) Specification Number Without Enable/Disable function With Enable/Disable function 19.44 NSA3528A NSA3528E 30.72 NSA3528B NSA3528F 38.88 40 NSA3528C NSA3528G 60 NSA3528D NSA3528H 61.44 77.76 100 122.88 125 1709B_NV13M09WK_e Voltage Controlled Crystal Oscillator (VCXO) NV13M09WK Item Model NV13M09WK Nominal Frequency Range (MHz) 10 ≤ F < 20 20 ≤ F < 40 40 ≤ F < 60 60 ≤ F ≤ 125 Supply Voltage [VCC] (V) +3.3V±10% Control Voltage [Vcont] (V) +1.65±1.5 Current Consumption (mA) Max. 15 Max. 20 Max. 20 Max. 30 Output Voltage VOH : Min. 90% VCC , VOL : Max. 10% VCC Symmetry (%) 45 to 55 (at 50%VCC) Rise Time / Decay (Fall) Time Max. 7ns (10% to 90%VCC) Max. 7ns (10% to 90%VCC) Max. 7ns (10% to 90%VCC) Max. 5ns (10% to 90%VCC) Output Load Condition (CMOS) 15pF Operating Temperature Range (°C) −40 to +85 Storage Temperature Range (°C) −55 to +125 Overall Frequency Tolerance (*) Max. ±45×10–6 Frequency Control Range Min. ±100×10–6 Frequency Change Polarity Positive Linearity of Frequency Modulation Deviation Max. 5% Input Impedance Min. 100kΩ (*) Overall frequency tolerance includes "Frequency/temperature characteristics","Frequency tolerance","Frequency/voltage coefficient","Frequency/load coefficient" and "Long-term frequency stability(1 year)". * Please specify products with or without Enable/Disable function. * Please do not reflow the board upside down after mounting this product. (The product itself or the cover may fall off.) ■ Specifications For basestation ■ Main Application ● SMD crystal oscillator with a glass epoxy circuit board and a metal lid. ● Frequency range : 10 to 125MHz. (CMOS) ● Fundamental crystal units are designed. ● Enable/Disable function is optional. ● Low power supply voltage(3.3 V) ■ Features Input (#2) Output (#4) High (VIH ≥0.7 VCC) or NC Nominal frequency Output Low (VIL ≤0.3VCC) High Z ■ List of Enable / Disable function mm 2.54 2.54 1.3 Land pattern (Typical) #1 #2 #3 #4 #5 #6 Vcont NC or E/D GND OUTPUT NC VCC Terminal land connections #1 #2 #3 #6 #5 #4 13.8±0.3 1.0±0.2 5.08±0.2 Height 4.7mm and 5.5mm are available. ■ Dimensions Please specify the model name, frequency, and specification number when you order products. For further questions regarding specifications, please feel free to contact us. |
Similar Part No. - NSA3528F |
|
Similar Description - NSA3528F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |