Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0ADKC4000-XX Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ADKC4000-XX
Description  TIME DELAY CERAMIC TUBE FUSE SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ADKC4000-XX Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ADKC4000-XX Datasheet HTML 1Page - Bel Fuse Inc. 0ADKC4000-XX Datasheet HTML 2Page - Bel Fuse Inc. 0ADKC4000-XX Datasheet HTML 3Page - Bel Fuse Inc. 0ADKC4000-XX Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 0ADKC4000-XX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0ADAC0200-BE BEL-0ADAC0200-BE Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0ADAC0200-RE BEL-0ADAC0200-RE Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0ADAC0250-BE BEL-0ADAC0250-BE Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0ADAC0315-BE BEL-0ADAC0315-BE Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
More results

Similar Description - 0ADKC4000-XX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MDA-15-R COOPER-MDA-15-R Datasheet
109Kb / 2P
   MDA Series, Time Delay, Ceramic Tube
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
GMC-3-R COOPER-GMC-3-R Datasheet
178Kb / 3P
   Medium Time Delay, 5 X 20 mm, Glass Tube Fuse
logo
Eaton All Rights Reserv...
1025TD EATON-1025TD Datasheet
471Kb / 2P
   Time-delay surface mount fuse
6125TD EATON-6125TD Datasheet
348Kb / 2P
   Time-delay surface mount fuse
logo
Cooper Bussmann, Inc.
S505-2-R COOPER-S505-2-R Datasheet
380Kb / 2P
   5 x 20mm Time-Delay, Ceramic Tube Fuses
S505-500-R COOPER-S505-500-R Datasheet
379Kb / 2P
   5 x 20mm Time-Delay, Ceramic Tube Fuses
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
   Time-Delay, Glass Tube Fuses
logo
Eaton All Rights Reserv...
3216TD EATON-3216TD Datasheet
566Kb / 2P
   Time-delay Chip??surface mount fuse
logo
Cooper Bussmann, Inc.
MDQ-1 COOPER-MDQ-1 Datasheet
265Kb / 2P
   MDQ Series Dual-Element, Time-Delay, Glass Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com