Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA5585030F Datasheet(PDF) 14 Page - Cree, Inc

Part # CMPA5585030F
Description  30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA5585030F Datasheet(HTML) 14 Page - Cree, Inc

Back Button CMPA5585030F Datasheet HTML 9Page - Cree, Inc CMPA5585030F Datasheet HTML 10Page - Cree, Inc CMPA5585030F Datasheet HTML 11Page - Cree, Inc CMPA5585030F Datasheet HTML 12Page - Cree, Inc CMPA5585030F Datasheet HTML 13Page - Cree, Inc CMPA5585030F Datasheet HTML 14Page - Cree, Inc CMPA5585030F Datasheet HTML 15Page - Cree, Inc CMPA5585030F Datasheet HTML 16Page - Cree, Inc CMPA5585030F Datasheet HTML 17Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
CMPA5585030F Rev 1.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective owners and do not imply specific
product and/or vendor endorsement, sponsorship or association.
Product Dimensions CMPA5585030F (Package Type — 440213)
Pin Number
Qty
1
Gate Bias for Stage 2
2
Gate Bias for Stage 2
3
RF In
4
Gate Bias for Stage 1
5
Gate Bias for Stage 1
6
Drain Bias
7
Drain Bias
8
RF Out
9
Drain Bias
10
Drain Bias
11
Source


Similar Part No. - CMPA5585030F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA5585030F WOLFSPEED-CMPA5585030F Datasheet
2Mb / 17P
   30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev. 2.0, 2022-10-12
More results

Similar Description - CMPA5585030F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA5585030F WOLFSPEED-CMPA5585030F Datasheet
2Mb / 17P
   30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev. 2.0, 2022-10-12
logo
Cree, Inc
CMPA5585030D CREE-CMPA5585030D Datasheet
453Kb / 9P
   30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA5585030D WOLFSPEED-CMPA5585030D Datasheet
297Kb / 9P
   30 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
Rev. 2.0, 2022-8-23
logo
Cree, Inc
CMPA5585025F CREE-CMPA5585025F Datasheet
2Mb / 19P
   25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
CMPA5585025D CREE-CMPA5585025D Datasheet
348Kb / 7P
   25 W, 5.5 - 8.5 GHz, GaN MMIC, Power Amplifier
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
   25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
logo
Cree, Inc
CMPA2735030D CREE-CMPA2735030D Datasheet
529Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
logo
Qorvo, Inc
QPA1022 QORVO-QPA1022 Datasheet
1Mb / 17P
   8.5 ??11 GHz 4 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com