Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA1C1D060D Datasheet(PDF) 6 Page - Cree, Inc

Part # CMPA1C1D060D
Description  60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA1C1D060D Datasheet(HTML) 6 Page - Cree, Inc

  CMPA1C1D060D Datasheet HTML 1Page - Cree, Inc CMPA1C1D060D Datasheet HTML 2Page - Cree, Inc CMPA1C1D060D Datasheet HTML 3Page - Cree, Inc CMPA1C1D060D Datasheet HTML 4Page - Cree, Inc CMPA1C1D060D Datasheet HTML 5Page - Cree, Inc CMPA1C1D060D Datasheet HTML 6Page - Cree, Inc CMPA1C1D060D Datasheet HTML 7Page - Cree, Inc CMPA1C1D060D Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
CMPA1C1D060D Rev 0.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
Fax: +1.919.869.2733
www.cree.com/RF
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their respective owners and do not imply specific
product and/or vendor endorsement, sponsorship or association.
Part Number System
Parameter
Value
Units
Lower Frequency
12.7
GHz
Upper Frequency1
13.25
GHz
Power Output
60
W
Package
Bare Die
-
Table 1.
Note1: Alpha characters used in frequency code
indicate a value greater than 9.9 GHz. See Table
2 for value.
Character Code
Code Value
A
0
B
1
C
2
D
3
E
4
F
5
G
6
H
7
J
8
K
9
Examples:
1A = 10.0 GHz
2H = 27.0 GHz
Table 2.
Package
Power Output (W)
Upper Frequency (GHz)
Lower Frequency (GHz)
Cree MMIC Power Amplifier Product Line
CMPA1C1D060D


Similar Part No. - CMPA1C1D060D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA1C1D060D WOLFSPEED-CMPA1C1D060D Datasheet
237Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-8-30
More results

Similar Description - CMPA1C1D060D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA1C1D060D WOLFSPEED-CMPA1C1D060D Datasheet
237Kb / 8P
   60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-8-30
CMPA1C1D080F WOLFSPEED-CMPA1C1D080F Datasheet
1Mb / 18P
   90 W, 12.75 - 13.25 GHz, GaN MMIC, Power Amplifier
Rev 0.1 September 2021
logo
Cree, Inc
CMPA1D1E030D CREE-CMPA1D1E030D Datasheet
595Kb / 6P
   30 W, 13.75 - 14.5 GHz, 40 V, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2738060F WOLFSPEED-CMPA2738060F Datasheet
2Mb / 22P
   60 W, 2.7 - 3.8 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-30
CMPA1D1E030D WOLFSPEED-CMPA1D1E030D Datasheet
1Mb / 7P
   30 W, 13.75 - 14.5 GHz, 40 V GaN MMIC, Power Amplifier
Rev. 2.0, 2022-9-20
CMPA5259025S WOLFSPEED-CMPA5259025S Datasheet
1Mb / 16P
   40 W, 5.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0 June 2021
CMPA3135060S WOLFSPEED-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-25
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
   3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
   7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
logo
Cree, Inc
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
   7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com