Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV40050 Datasheet(PDF) 6 Page - Cree, Inc

Part # CGHV40050
Description  50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV40050 Datasheet(HTML) 6 Page - Cree, Inc

Back Button CGHV40050 Datasheet HTML 2Page - Cree, Inc CGHV40050 Datasheet HTML 3Page - Cree, Inc CGHV40050 Datasheet HTML 4Page - Cree, Inc CGHV40050 Datasheet HTML 5Page - Cree, Inc CGHV40050 Datasheet HTML 6Page - Cree, Inc CGHV40050 Datasheet HTML 7Page - Cree, Inc CGHV40050 Datasheet HTML 8Page - Cree, Inc CGHV40050 Datasheet HTML 9Page - Cree, Inc CGHV40050 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
CGHV40050 Rev 2.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.CREE
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGHV40050-AMP Application Circuit Bill of Materials
Designator
Description
Qty
R1
RES, 560Ohms, 0805, HIGH POWER SMT
1
R2
RES, 3.6Ohms, 1005, HIGH POWER SMT
1
R3
RES, SMT, 0805, 22 OHM
1
R4
RES, SMT, 0805, 1OHM
1
C1, C7
CAP, 56 PF +/- 5%,, 250V, 0805, ATC 600F
3
C2
CAP, 24 pF +/- 5%, 250V, 0805, ATC 600F
1
C3, C4
CAP, 1.1pF, +/-0.1pF, 250V, 0805, ATC600F
2
C5, C6
CAP, 0.1 PF +/- 0.05 pF, 0805, ATC 600F
2
C8, C11
CAP, 240pF, +/-5%, 0805, ATC600F
2
C9, C12
CAP, 33000pF, 0805, 100V, X7R
2
C10
CAP, 10UF, 16V, TANTALUM
1
C13
CAP, 100UF, 80V, ELECTROLYTIC, CAN
1
C14
CAP, 1UF, 0805, 100V, X7S
1
J1,J2
CONN, SMA, PANEL MOUNT JACK, FLANGE, 4-HOLE, BLUNT
POST
2
J3
HEADER RT>PLZ .1CEN LK 9POS
1
BASEPLATE, CGH35120
1
PCB, RO4350B, 2.5”x4”x0.020”, CGHV40050F
1
CGHV40050-AMP Demonstration Amplifier Circuit


Similar Part No. - CGHV40050

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV40050-AMP CREE-CGHV40050-AMP Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
CGHV40050-TB CREE-CGHV40050-TB Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
CGHV40050P CREE-CGHV40050P Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
More results

Similar Description - CGHV40050

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV40100 CREE-CGHV40100 Datasheet
1Mb / 11P
   100 W, DC - 4.0 GHz, 50 V, GaN HEMT
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
CGHV40180F WOLFSPEED-CGHV40180F Datasheet
2Mb / 16P
   180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-30
CGHV40180P WOLFSPEED-CGHV40180P Datasheet
713Kb / 11P
   180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev 1.3 - April 2020
CGHV40200PP WOLFSPEED-CGHV40200PP Datasheet
1Mb / 12P
   200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com