Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV40050 Datasheet(PDF) 10 Page - Cree, Inc

Part # CGHV40050
Description  50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV40050 Datasheet(HTML) 10 Page - Cree, Inc

Back Button CGHV40050 Datasheet HTML 3Page - Cree, Inc CGHV40050 Datasheet HTML 4Page - Cree, Inc CGHV40050 Datasheet HTML 5Page - Cree, Inc CGHV40050 Datasheet HTML 6Page - Cree, Inc CGHV40050 Datasheet HTML 7Page - Cree, Inc CGHV40050 Datasheet HTML 8Page - Cree, Inc CGHV40050 Datasheet HTML 9Page - Cree, Inc CGHV40050 Datasheet HTML 10Page - Cree, Inc CGHV40050 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
CGHV40050 Rev 2.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.CREE
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Product Ordering Information
Order Number
Description
Unit of Measure
Image
CGHV40050F
GaN HEMT
Each
CGHV40050P
GaN HEMT
Each
CGHV40050-TB
Test board without GaN HEMT
Each
CGHV40050-AMP
Test board with GaN HEMT installed
Each


Similar Part No. - CGHV40050

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV40050-AMP CREE-CGHV40050-AMP Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
CGHV40050-TB CREE-CGHV40050-TB Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
CGHV40050P CREE-CGHV40050P Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
More results

Similar Description - CGHV40050

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV40100 CREE-CGHV40100 Datasheet
1Mb / 11P
   100 W, DC - 4.0 GHz, 50 V, GaN HEMT
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
CGHV40180F WOLFSPEED-CGHV40180F Datasheet
2Mb / 16P
   180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-30
CGHV40180P WOLFSPEED-CGHV40180P Datasheet
713Kb / 11P
   180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev 1.3 - April 2020
CGHV40200PP WOLFSPEED-CGHV40200PP Datasheet
1Mb / 12P
   200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com