Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1162 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX1162
Description  16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1162 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
16-Bit, +5V, 200ksps ADC with 10µA Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz (50% duty cycle), 24 clocks/conversion (200ksps), VREF = +4.096V, CREF = 4.7µF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT (AIN)
Input Range
VAIN
0
VREF
V
Input Capacitance
CAIN
40
pF
EXTERNAL REFERENCE
Input Voltage Range
VREF
3.8
AVDD
V
VREF = +4.096V, fSCLK = 4.8MHz
100
VREF = +4.096V, SCLK idle
0.01
Input Current
IREF
CS = DVDD, SCLK idle
0.01
µA
DIGITAL INPUTS (SCLK, CS)
Input High Voltage
VIH
DVDD = +2.7V to +5.25V
0.7 x
DVDD
V
Input Low Voltage
VIL
DVDD = +2.7V to +5.25V
0.3 x
DVDD
V
Input Leakage Current
IIN
VIN = 0 to DVDD
±0.1
±1
µA
Input Hysteresis
VHYST
0.2
V
Input Capacitance
CIN
15
pF
DIGITAL OUTPUT (DOUT)
Output High Voltage
VOH
ISOURCE = 0.5mA, DVDD = +2.7V to +5.25V
DVDD -
0.25V
V
ISINK = 10mA, DVDD = +4.75V to +5.25V
0.7
Output Low Voltage
VOL
ISINK = 1.6mA, DVDD = +2.7V to +5.25V
0.4
V
Three-State Output Leakage
Current
IL
CS = DVDD
±0.1
±10
µA
Three-State Output Capacitance
COUT
CS = DVDD
15
pF
POWER SUPPLIES
Analog Supply
AVDD
4.75
5.25
V
Digital Supply
DVDD
2.7
5.25
V
200ksps
2.0
2.5
100ksps
1.0
10ksps
0.1
Analog Supply Current
IAVDD
CS = DGND
1ksps
0.01
mA
200ksps
0.6
1.0
100ksps
0.3
10ksps
0.03
Digital Supply Current
IDVDD
CS = DGND,
DOUT = all
zeros
1ksps
0.003
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn