Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR04C189B5GAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # CBR04C189B5GAC
Description  Ceramic, High Q, Microwave (CBR), 1.8 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR04C189B5GAC Datasheet(HTML) 1 Page - Kemet Corporation

  CBR04C189B5GAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 48d5f137-69fb-4cb8-9c20-2f638f13a4ec
KEMET Part Number: CBR04C189B5GAC
Ceramic, High Q, Microwave (CBR), 1.8 pF, +/-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Dimensions
L
1mm +/-0.05mm
W
0.5mm +/-0.05mm
T
0.5mm +/-0.05mm
B
0.25mm +0.05/-0.1mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 10000
General Information
Style: SMD Chip
Series: Microwave (CBR)
Chip Size: 0402
Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Features: Ultra High Q, Low ESR, Class I
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous: Minimum Q = 836
Notes: Solder Reflow Only
Specifications
Capacitance: 1.8 pF
Capacitance Tolerance: +/-0.1 pF
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.229%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Quality Factor: 836
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - CBR04C189B5GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR04C180F5GAC KEMET-CBR04C180F5GAC Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 18 pF, /-1% Tol, 50 V, C0G, 0402 (1005 metric)
CBR04C180J1GAC KEMET-CBR04C180J1GAC Datasheet
61Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 18 pF, 5%, 100 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0402
CBR04C180J5GACAUTO KEMET-CBR04C180J5GACAUTO Datasheet
999Kb / 15P
   HiQ-CBR Automotive Series, C0G Dielectric, Low ESR, 50 VDC, 1 MHz – 50 GHz (RF & Microwave)
6/28/2022
More results

Similar Description - CBR04C189B5GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CBR04C108B5GAC KEMET-CBR04C108B5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 0.1 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C759B5GAC KEMET-CBR04C759B5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 7.5 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C139B5GAC KEMET-CBR04C139B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 1.3 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C308B5GAC KEMET-CBR04C308B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 0.3 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C159B5GAC KEMET-CBR04C159B5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 1.5 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C629B5GAC KEMET-CBR04C629B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 6.2 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C249B5GAC KEMET-CBR04C249B5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 2.4 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C399B5GAC KEMET-CBR04C399B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 3.9 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C919B5GAC KEMET-CBR04C919B5GAC Datasheet
71Kb / 1P
   Ceramic, High Q, Microwave (CBR), 9.1 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR04C129B5GAC KEMET-CBR04C129B5GAC Datasheet
72Kb / 1P
   Ceramic, High Q, Microwave (CBR), 1.2 pF, /-0.1 pF, 50 V, 0402, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com