Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSD57030 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. TSD57030
Description  RF POWER TRANSISTORS The LdmoST FAMILY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSD57030 Datasheet(HTML) 6 Page - STMicroelectronics

  TSD57030 Datasheet HTML 1Page - STMicroelectronics TSD57030 Datasheet HTML 2Page - STMicroelectronics TSD57030 Datasheet HTML 3Page - STMicroelectronics TSD57030 Datasheet HTML 4Page - STMicroelectronics TSD57030 Datasheet HTML 5Page - STMicroelectronics TSD57030 Datasheet HTML 6Page - STMicroelectronics TSD57030 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD57030
6/7
Controlling dimension: Inches
1022142E
M243 (.230 x .360 2L N/HERM W/FLG) MECHANICAL DATA
mm
Inch
MIN.
TYP.
MAX
MIN.
TYP.
MAX
A
5.21
5.72
0.205
0.225
B
5.46
6.48
0.215
0.255
C
5.59
6.10
0.220
0.240
D
14.27
0.562
E
20.07
20.57
0.790
0.810
F
8.89
9.40
0.350
0.370
G
0.10
0.15
0.004
0.006
H
3.18
4.45
0.125
0.175
I
1.83
2.24
0.072
0.088
J
1.27
1.78
0.050
0.070
DIM.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PD55015-PD55015S RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD55025 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD55035 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD55008L RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD57002 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD54003L RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY 1  2  3  4  5  More STMicroelectronics
PD57006 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD57018 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  STMicroelectronics
SD56120M RF POWER TRANSISTORS The LdmoST FAMILY 1  2  3  4  5  More STMicroelectronics
PD57030 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn