Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1064 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX1064
Description  400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1064 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1064 Datasheet HTML 1Page - Maxim Integrated Products MAX1064 Datasheet HTML 2Page - Maxim Integrated Products MAX1064 Datasheet HTML 3Page - Maxim Integrated Products MAX1064 Datasheet HTML 4Page - Maxim Integrated Products MAX1064 Datasheet HTML 5Page - Maxim Integrated Products MAX1064 Datasheet HTML 6Page - Maxim Integrated Products MAX1064 Datasheet HTML 7Page - Maxim Integrated Products MAX1064 Datasheet HTML 8Page - Maxim Integrated Products MAX1064 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
V
400ksps, +5V, 8-/4-Channel, 10-Bit ADCs
with +2.5V Reference and Parallel Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VLOGIC = +5V ±10%, COM = GND, REFADJ = VDD, VREF = +2.5V, 4.7µF capacitor at REF pin, fCLK = 7.6MHz (50% duty
cycle), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
0 to 0.5mA output load (Note 7)
To power down the internal reference
For small adjustments
On-/off-leakage current, VIN = 0 or VDD
Unipolar, VCOM = 0
V
1.0
VDD +
50mV
VREF
REF Input Voltage Range
µF
4.7
10
Capacitive Bypass at REF
µF
0.01
1
Capacitive Bypass at REFADJ
mV/mA
0.2
Load Regulation
V
VDD - 1.0
REFADJ High Threshold
mV
±100
REFADJ Input Range
±20
ppm/°C
TCREF
REF Temperature Coefficient
mA
15
REF Short-Circuit Current
V
2.49
2.5
2.51
REF Output Voltage
pF
12
CIN
Input Capacitance
µA
±0.01
±1
Multiplexer Leakage Current
V
Analog Input Voltage Range,
Single Ended and Differential
(Note 6)
0VREF
VIN
CS = VDD
ISOURCE = 1mA
ISINK = 1.6mA
VIN = 0 or VDD
VLOGIC = 4.5V or 2.7V
VLOGIC = 4.5V
µA
±0.1
±1
ILEAKAGE
Tri-State Leakage Current
V
VLOGIC - 0.5
VOH
Output Voltage High
V
0.4
VOL
Output Voltage Low
pF
15
CIN
Input Capacitance
µA
±0.1
±1
IIN
Input Leakage Current
mV
200
VHYS
Input Hysteresis
V
0.8
VIL
Input Voltage Low
V
4.0
CS = VDD
pF
15
COUT
Tri-State Output Capacitance
Bipolar, VCOM = VREF / 2
-VREF / 2
+VREF / 2
VLOGIC = 2.7V
2.0
VIH
Input Voltage High
TA = 0°C to +70°C
VREF = 2.5V, fSAMPLE = 400ksps
200
300
Shutdown mode
µA
2
IREF
Shutdown REF Input Current
ANALOG INPUTS
INTERNAL REFERENCE
EXTERNAL REFERENCE AT REF
DIGITAL INPUTS AND OUTPUTS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn